Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1045 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBRF1045
Description  Isolated 10.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBRF1045 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBRF1045 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBRF1045 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 112 -
MBRF1035 - MBRF10150
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
Features
Plastic material used carries Underwriters
Laboratory Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220AC molded plastic body
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBRF
1035
MBRF
1045
MBRF
1050
MBRF
1060
MBRF
1090
MBRF
10100
MBRF
10150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
150
V
Maximum Average Forward Rectified Current
at Tc=125
oC
I(AV)
10
A
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=125
oC
IFRM
32
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at:
(Note 2)
IF=10A, TC=25
oC
IF=10A, TC=125
oC
IF=20A, TC=25
oC
IF=20A, TC=125
oC
VF
0.70
0.57
0.84
0.72
0.80
0.70
0.95
0.85
0.85
0.71
1.05
V
0.1
Maximum Instantaneous Reverse Current
@ Tc =25
oC at Rated DC Blocking Voltage
@ Tc=125
oC
(Note 2)
IR
15
10
0.1
6.0
mA
mA
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/uS
Typical Junction Capacitance
Cj
500
pF
M
aximum Typical Thermal Resistance(Note 3)
RθJC
3.0
oC/W
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +175
oC
Notes:
1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg with Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
http://www.luguang.cn
mail:lge@luguang.cn
1
2
PIN
10.2± 0.2
4.0± 0.3
5.0± 0.1
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
ITO - 220AC
Dimensions in millimeters


Similar Part No. - MBRF1045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF1045 MOTOROLA-MBRF1045 Datasheet
102Kb / 6P
   SWITCHMODE??Schottky Power Rectifirers
logo
Shenzhen Luguang Electr...
MBRF1045 LUGUANG-MBRF1045 Datasheet
251Kb / 2P
   Schottky Barrier Rectifiers
logo
SMC Diode Solutions Co....
MBRF1045 SMCDIODE-MBRF1045 Datasheet
320Kb / 4P
   MBRF1045 SCHOTTKY RECTIFIER
Rev. B
logo
General Semiconductor
MBRF1045 GE-MBRF1045 Datasheet
105Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Kersemi Electronic Co.,...
MBRF1045 KERSEMI-MBRF1045 Datasheet
110Kb / 2P
   Isolated plastic package has Underwriters Laboratory Flammability Classifications 94V-0
More results

Similar Description - MBRF1045

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF1035CT TSC-MBRF1035CT Datasheet
164Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_1 Datasheet
258Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRF1020 TSC-SRF1020_1 Datasheet
201Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_13 Datasheet
255Kb / 3P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF1035CT LUGUANG-MBRF1035CT Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035 LUGUANG-MBRF1035 Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1035 TSC-MBRF1035_11 Datasheet
150Kb / 2P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF10H100CT TSC-MBRF10H100CT Datasheet
624Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_10 Datasheet
613Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_1 Datasheet
140Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035CT TSC-MBRF1035CT_11 Datasheet
187Kb / 2P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com