Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD674 Datasheet(PDF) 4 Page - Analog Devices

Part # AD674
Description  Complete 12-Bit A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD674 Datasheet(HTML) 4 Page - Analog Devices

  AD674 Datasheet HTML 1Page - Analog Devices AD674 Datasheet HTML 2Page - Analog Devices AD674 Datasheet HTML 3Page - Analog Devices AD674 Datasheet HTML 4Page - Analog Devices AD674 Datasheet HTML 5Page - Analog Devices AD674 Datasheet HTML 6Page - Analog Devices AD674 Datasheet HTML 7Page - Analog Devices AD674 Datasheet HTML 8Page - Analog Devices AD674 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. C
–4–
AD674B/AD774B
TIMING—STAND ALONE MODE (Figures 4a and 4b)
J, K, A, B Grades
T Grade
Parameter
Symbol
Min Typ Max
Min Typ Max Unit
Data Access Time
tDDR
150
150
ns
Low R/
C Pulsewidth
tHRL
50
50
ns
STS Delay from R/
C
tDS
200
225
ns
Data Valid After R/
C Low
tHDR
25
25
ns
STS Delay After Data Valid tHS
30
200
600
30
200 600
ns
High R/
C Pulsewidth
tHRH
150
150
ns
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
VCC to Digital Common . . . . . . . . . . . . . . . . . . . 0 to +16.5 V
VEE to Digital Common . . . . . . . . . . . . . . . . . . . . 0 to –16.5 V
VLOGIC to Digital Common . . . . . . . . . . . . . . . . . . . 0 to +7 V
Analog Common to Digital Common . . . . . . . . . . . . . . .
±1 V
Digital Inputs to Digital Common . . . –0.5 V to VLOGIC +0.5 V
Analog Inputs to Analog Common . . . . . . . . . . . . VEE to VCC
20 VIN to Analog Common . . . . . . . . . . . . . . . . . . . . . .
±24 V
REF OUT . . . . . . . . . . . . . . . . . . Indefinite Short to Common
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . Momentary Short to VCC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 175
°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 825 mW
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . . 300
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
R/
C
STS
DB11–DB0
DATA
VALID
DATA VALID
tHRL
tDS
HIGH–Z
tHS
tHDR
tC
Flgure 4a. Standalone Mode Timing Low Pulse R/
C
R/
C
STS
DB11–DB0
HIGH–Z
HIGH–Z
DATA
VALID
tHRH
tDS
tDDR
tHDR
tC
tHL
Figure 4b. Standalone Mode Timing High Pulse for R/
C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD674B/AD774B features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Conversion
INL
Package
Package
Model
l
Temperature
Time (max)
(TMIN to TMAX)
Description
Option
2
AD674BJN
0
°C to 70°C
15
µs
±1 LSB
Plastic DIP
N-28
AD674BKN
0
°C to 70°C
15
µs
±1/2 LSB
Plastic DIP
N-28
AD674BAR
–40
°C to +85°C
15
µs
±1 LSB
Plastic SOIC
R-28
AD674BBR
–40
°C to +85°C
15
µs
±1/2 LSB
Plastic SOIC
R-28
AD674BAD
–40
°C to +85°C
15
µs
±1 LSB
Ceramic DIP
D-28
AD674BBD
–40
°C to +85°C
15
µs
±1/2 LSB
Ceramic DIP
D-28
AD674BTD
–55
°C to +125°C
15
µs
±1 LSB
Ceramic DIP
D-28
AD774BJN
0
°C to 70°C8 µs
±1 LSB
Plastic DIP
N-28
AD774BKN
0
°C to 70°C8 µs
±1/2 LSB
Plastic DIP
N-28
AD774BAR
–40
°C to +85°C8 µs
±1 LSB
Plastic SOIC
R-28
AD774BBR
–40
°C to +85°C8 µs
±1/2 LSB
Plastic SOIC
R-28
AD774BAD
–40
°C to +85°C8 µs
±1 LSB
Ceramic DIP
D-28
AD774BBD
–40
°C to +85°C8 µs
±1/2 LSB
Ceramic DIP
D-28
AD774BTD
–55
°C to +125°C8 µs
±1 LSB
Ceramic DIP
D-28
NOTES
1For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military
Products Databook or the current AD674B/ AD774B/883B data sheet.
2N = Plastic DIP; D = Hermetic DIP; R = Plastic SOIC.


Similar Part No. - AD674

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD674B AD-AD674B Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BAD AD-AD674BAD Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BAD AD-AD674BAD Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BAR AD-AD674BAR Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BAR AD-AD674BAR Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results

Similar Description - AD674

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
ADADC84 AD-ADADC84_15 Datasheet
1Mb / 12P
   FAST COMPLETE 12 BIT A/D CONVERTERS
REV. B
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80 AD-ADDAC80_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com