Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD704 Datasheet(PDF) 6 Page - Analog Devices

Part # AD704
Description  Quad Picoampere Input Current Bipolar Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 6 Page - Analog Devices

  AD704 Datasheet HTML 1Page - Analog Devices AD704 Datasheet HTML 2Page - Analog Devices AD704 Datasheet HTML 3Page - Analog Devices AD704 Datasheet HTML 4Page - Analog Devices AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD704
REV. A
–6–
1
10
100
100k
1M
10M
LOAD RESISTANCE – k
2
46 8
–55 C
+25 C
+125 C
Figure 18. Open-Loop Gain vs.
Load Resistance Over Temperature
1000
100
10
1
0.1
0.01
0.001
1
10
100
1k
10k
100k
FREQUENCY – Hz
A = –1000
V
A = +1
V
I
= +1mA
OUT
Figure 21. Closed-Loop Output
Impedance vs. Frequency
10
0%
5µs
20mV
100
90
Figure 22c. Unity Gain Follower
Small Signal Pulse Response
RF = 0
Ω, C
L = 100 pF
–20
0
20
40
60
80
100
120
140
0.01 0.1
1
10
100
1k 10k 100k 1M 10M
FREQUENCY – Hz
0
30
60
90
120
150
180
GAIN
PHASE
Figure 19. Open-Loop Gain and Phase
vs. Frequency
1/4
AD704
SQUARE
WAVE INPUT
0.1
µF
0.1
µF
R F
V
OUT
C L
–VS
V
IN
+VS
R
2k
L
Figure 22a. Unity Gain Follower
(For Large Signal Applications,
Resistor RF Limits the Current
Through the Input Protection
Diodes)
10
0%
5µs
20mV
100
90
Figure 22d. Unity Gain Follower
Small Signal Pulse Response
RF = 0 Ω, CL = 1,000 pF
05
10
15
20
+0.5
+1.0
+1.5
–1.5
–1.0
–0.5
+V
S
SUPPLY VOLTAGE –
±Volts
–VS
R = 10k
L
Figure 20. Output Voltage Swing vs.
Supply Voltage
10
0%
50µs
2V
100
90
Figure 22b. Unity Gain Follower
Large Signal Pulse Response
RF = 10 kΩ, CL = 1,000 pF
1/4
AD704
SQUARE
WAVE INPUT
0.1 µF
0.1 µF
VOUT
C L
R
L
2.5kΩ
–VS
V IN
+VS
10kΩ
10kΩ
Figure 23a. Unity Gain Inverter
Connection


Similar Part No. - AD704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704 AD-AD704 Datasheet
225Kb / 12P
   Quad Picoampere Input Current Bipolar Op Amp
REV. C
logo
List of Unclassifed Man...
AD704-00 ETC2-AD704-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD704AN AD-AD704AN Datasheet
225Kb / 12P
   Quad Picoampere Input Current Bipolar Op Amp
REV. C
AD704AR AD-AD704AR Datasheet
225Kb / 12P
   Quad Picoampere Input Current Bipolar Op Amp
REV. C
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results

Similar Description - AD704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704_15 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704_02 Datasheet
225Kb / 12P
   Quad Picoampere Input Current Bipolar Op Amp
REV. C
AD705 AD-AD705 Datasheet
451Kb / 8P
   Picoampere Input Current Bipolar Op Amp
REV. B
AD705 AD-AD705_15 Datasheet
559Kb / 3P
   PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
182Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com