Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1008 Datasheet(PDF) 2 Page - Littelfuse

Part # SP1008
Description  The SP1008 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide...
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1008 Datasheet(HTML) 2 Page - Littelfuse

  SP1008 Datasheet HTML 1Page - Littelfuse SP1008 Datasheet HTML 2Page - Littelfuse SP1008 Datasheet HTML 3Page - Littelfuse SP1008 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
2
TVS Diode Arrays (SPAFamily of Products)
Revision: June 20, 2012
General Purpose ESD Protection - SP1008 Series
SP1008 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Electrical Characteristics (T
OP=25ºC)
Note:
1
Parameter is guaranteed by design and/or device characterization.
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-65 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering 20-40s)
260
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
6.0
V
Breakdown Voltage
V
BR
I
R=1mA
7.0
8.5
V
Leakage Current
I
LEAK
V
R=5V with 1 pin at GND
0.1
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
10.7
V
I
PP=2A, tp=8/20µs, Fwd
12.0
V
Dynamic Resistance
R
DYN
(V
C2 - VC1) / (IPP2 - IPP1)
1.3
ESD Withstand Voltage1
V
ESD
IEC61000-4-2 (Contact Discharge)
±15
kV
IEC61000-4-2 (Air Discharge)
±15
kV
Diode Capacitance1
C
D
Reverse Bias=0V
9
pF
Reverse Bias=5.0V
6
9
pF
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
2.5
A
T
OP
Operating Temperature
-40 to 85
°C
T
STOR
Storage Temperature
-65 to 150
°C


Similar Part No. - SP1008

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1008 LITTELFUSE-SP1008 Datasheet
1Mb / 4P
   6pF 15kV Bidirectional Discrete TVS Protection
SP1008-01WTG LITTELFUSE-SP1008-01WTG Datasheet
1Mb / 4P
   6pF 15kV Bidirectional Discrete TVS Protection
logo
Shanghai Leiditech Elec...
SP1008-01WTG LEIDITECH-SP1008-01WTG Datasheet
906Kb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2014
logo
API Delevan
SP1008-102K API-SP1008-102K Datasheet
1Mb / 1P
   Shielded Surface Mount Power Inductors
SP1008-103K API-SP1008-103K Datasheet
1Mb / 1P
   Shielded Surface Mount Power Inductors
More results

Similar Description - SP1008

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3021 LITTELFUSE-SP3021 Datasheet
1Mb / 4P
   The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SP1026 LITTELFUSE-SP1026 Datasheet
2Mb / 5P
   Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience
SP1006 LITTELFUSE-SP1006 Datasheet
1Mb / 4P
   Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience...
SP1043 LITTELFUSE-SP1043 Datasheet
2Mb / 4P
   Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
   BACK TO BACK SCR MODULE
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
   Back to back SCR module
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
   BACK TO BACK SCR MODULE
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
   BACK TO BACK SCR MODULE
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
   Back to Back SCR Module
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
   high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com