Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD708AQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD708AQ
Description  Ultralow Offset Voltage Dual Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708AQ Datasheet(HTML) 8 Page - Analog Devices

  AD708AQ Datasheet HTML 1Page - Analog Devices AD708AQ Datasheet HTML 2Page - Analog Devices AD708AQ Datasheet HTML 3Page - Analog Devices AD708AQ Datasheet HTML 4Page - Analog Devices AD708AQ Datasheet HTML 5Page - Analog Devices AD708AQ Datasheet HTML 6Page - Analog Devices AD708AQ Datasheet HTML 7Page - Analog Devices AD708AQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD708
REV. B
–8–
As configured, the circuit only requires a gain resistor, RG, of
suitable accuracy and a stable, accurate voltage reference. The
transfer function is:
VO = VREF [∆R/(R+∆R)][RG/R]
and the only significant errors due to the AD708S are:
VOSout = (VOSmatch)(2RG/R) = 30 mV
VOSout(T) = (VOSdrift)(2RG/R) = 0.3 mV/
°C
To achieve high accuracy, the resistor RG should be 0.1% or
better and have a low drift coefficient.
Figure 29. Bridge Signal Conditioning Circuit
Figure 30. Precision Absolute Value Circuit
PRECISION ABSOLUTE VALUE CIRCUIT
The AD708 is ideally suited to the precision absolute value
circuit shown in Figure 30. The low offset voltage match of the
AD708 enables this circuit to accurately resolve the input signal.
In addition, the tight offset voltage drift match maintains the
resolution of the circuit over the full military temperature range.
The AD708’s high dc open loop gain and exceptional gain
linearity allows the circuit to perform well at both large and
small signal levels.
In this circuit, the only significant dc errors are due to the offset
voltage of the two ampliliers, the input offset current match of
the amplifiers, and the mismatch of the resistors. Errors associ-
ated with the AD708S contribute less than 0.001% error over
–55
°C to +125°C.
Maximum error at 25
°C
30
µV + 10 kΩ
() 1nA
()
10V
= 40 µV/10V = 4 ppm Maximum
error at +125
°C or –55°C
50
µV + 2 nA
() 10kΩ
()
10V
= 7 ppm @ +125°C
Figure 31 shows VOUT vs. VIN for this circuit with a
±3mV
input signal at 0.05 Hz. Note that the circuit exhibits very low
offset at the zero crossing. This circuit can also produce VOUT =
–|VIN| by reversing the polarity of the two diodes.
Figure 31. Absolute Value Circuit Performance
(Input Signal = 0.05 Hz)
SELECTION OF PASSIVE COMPONENTS
To takc full advantagc of thc high precision and low drift
characteristics of the AD708, high quality passive components
must be used. Discrete resistors and resistor networks with
temperature coefficients of less than 10 ppm/
°C are available
from Vishay, Caddock, PRP and others.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-99 (H) Package
Cerdip (Q) Package
Mini-DIP (N) Package


Similar Part No. - AD708AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD708AQ AD-AD708AQ Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AQ AD-AD708AQ Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
More results

Similar Description - AD708AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD708 AD-AD708_06 Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
OP07 AD-OP07 Datasheet
448Kb / 10P
   Ultralow Offset Voltage Dual Operational Amplifier
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com