Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD722JR-16-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD722JR-16-REEL7
Description  RGB to NTSC/PAL Encoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD722JR-16-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD722JR-16-REEL7 Datasheet HTML 4Page - Analog Devices AD722JR-16-REEL7 Datasheet HTML 5Page - Analog Devices AD722JR-16-REEL7 Datasheet HTML 6Page - Analog Devices AD722JR-16-REEL7 Datasheet HTML 7Page - Analog Devices AD722JR-16-REEL7 Datasheet HTML 8Page - Analog Devices AD722JR-16-REEL7 Datasheet HTML 9Page - Analog Devices AD722JR-16-REEL7 Datasheet HTML 10Page - Analog Devices AD722JR-16-REEL7 Datasheet HTML 11Page - Analog Devices AD722JR-16-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD722
REV. 0
–9–
resistor is required close to each AD722 output, while 75
Ω to
ground should terminate the far end of each line.
The outputs have a dc bias and must be ac coupled for proper
operation. The COMP and LUMA outputs have information
down to 30 Hz that must be transmitted. Each output requires a
220
µF series capacitor to work with the 75 Ω resistance to pass
these low frequencies. The CRMA signal has information
mostly up at the chroma frequency and can use a smaller ca-
pacitor if desired, but 220
µF can be used to minimize the num-
ber of different components used in the design.
Displaying VGA Output on a TV
The AD722 can be used to convert the analog RGB output from a
personal computer’s VGA card to the NTSC or PAL television
standards. To accomplish this it is important to understand that
the AD722 requires interlaced RGB video and clock rates that
are consistent with those required by the television standards. In
most computers the default output is a noninterlaced RGB sig-
nal at a frame rate higher than used by either NTSC or PAL.
Most VGA controllers support a wide variety of output modes
that are controlled by altering the contents of internal registers.
It is best to consult with the VGA controller manufacturer to
determine the exact configuration required to provide an inter-
laced output at 60 Hz (50 Hz for PAL).
Basically these two standards use most of the features of the
standard that their names imply, but use the subcarrier that is
equal to or approximately equal to the frequency of the other
standard. Because of the automatic programming of the filters in
the chrominance path and other timing considerations, it is not
possible to support these standards.
Layout Considerations
The AD722 is an all CMOS mixed signal part. It has separate
pins for the analog and digital +5 V and ground power supplies.
Both the analog and digital ground pins should be tied to the
ground plane by a short, low inductance path. Each power
supply pin should be bypassed to ground by a low inductance
0.1
µF capacitor and a larger tantalum capacitor of about 10 µF.
The three analog inputs (RIN, GIN, BIN) should be terminated
with 75
Ω to ground close to the respective pins. However, as
these are high impedance inputs, they can be in a loop-thru
configuration. This technique is used to drive two or more
devices with high frequency signals that are separated by some
distance. A connection is made to the AD722 with no local
termination, and the signals are run to another distant device
where the termination for these signals is provided.
The output amplitudes of the AD722 are double that required
by the devices that it drives. This compensates for the halving of
the signal levels by the required terminations. A 75
Ω series
Figure 15. Interfacing the AD722 to the (Interlaced) VGA Port of a PC
+5V (VAA)
0.1µF
75
649
649
75
649
649
75
649
649
AD813
5
6
7
11
12
13
14
9
10
8
1/3
1/3
–5V
1
2
3
4
13
2
FIN
OSC
0.1µF
+5V
**
*
CRYSTAL
AGND
DGND
14
15
7
9
10
11
1
4
5
AD722
ENCD
RIN
GIN
BIN
HSYNC
VSYNC
SELECT
STND
CRMA
LUMA
CMPS
APOS
DPOS
+
10–30pF
0.1µF
10µF
0.1µF
10µF
75
75
JMP
* PARALLEL–RESONANT
CRYSTAL; 3.579545MHz (NTSC)
OR 4.433620MHz (PAL)
CAPACITOR VALUE DEPENDS ON
CRYSTAL CHOSEN
**FSC OR 4FSC CLOCK; 3.579545MHz,
14.31818MHz (NTSC) OR 4.433620MHZ,
17.734480MHz(PAL)
+
75
220µF
COMPOSITE
VIDEO
+
75
220µF
+
75
220µF
Y
C
S-VIDEO
(Y/C VIDEO)
75
75
75
B
G
R
RGB MONITOR
VSYNC
HSYNC
FROM VGA PORT
+5V
+5V
10k
+5V
10k
SELECT
75
1/3
JMP
12
3
16
8
6
6
7
8
9
10
11
12
13
14
15
+
+5V
1
2
3
4
5
VGA OUTPUT
CONNECTOR


Similar Part No. - AD722JR-16-REEL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD722-00 ETC2-AD722-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224BQ AD-AD7224BQ Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224BQ AD-AD7224BQ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224CQ AD-AD7224CQ Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
More results

Similar Description - AD722JR-16-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
   YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD720 AD-AD720_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com