Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3280E Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3280E
Description  ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3280E Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3280E_13 Datasheet HTML 2Page - Maxim Integrated Products MAX3280E_13 Datasheet HTML 3Page - Maxim Integrated Products MAX3280E_13 Datasheet HTML 4Page - Maxim Integrated Products MAX3280E_13 Datasheet HTML 5Page - Maxim Integrated Products MAX3280E_13 Datasheet HTML 6Page - Maxim Integrated Products MAX3280E_13 Datasheet HTML 7Page - Maxim Integrated Products MAX3280E_13 Datasheet HTML 8Page - Maxim Integrated Products MAX3280E_13 Datasheet HTML 9Page - Maxim Integrated Products MAX3280E_13 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Maxim Integrated
MAX3280E/MAX3281E/
MAX3283E/MAX3284E
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers
provide the same clock to their respective circuits.
Thus, minimal package-to-package skew is critical. The
skew must be kept well below the period of the clock
signal to ensure that all of the circuits on the network
are synchronized.
128 Receivers on the Bus
The standard RS-485 input impedance is 12k
Ω (one-
unit load). The standard RS-485 transmitter can drive
32 unit loads. The MAX3280E/MAX3281E/MAX3283E/
MAX3284E present a 1/4-unit-load input impedance
(48k
Ω), which allows up to 128 receivers on the bus.
Any combination of these RS-485 receivers with a total
of 32 unit loads can be connected to the same bus.
Thermal Protection
The MAX3280E/MAX3281E/MAX3283E/MAX3284E fea-
ture thermal protection. Thermal protection sets the out-
put stage in high-impedance mode when a short circuit
occurs at the output, limiting both the power dissipation
and temperature. The thermal temperature threshold is
+165°C, with a hysteresis of 20°C.
Test Circuits/Timing Diagrams
VOH
VOL
A
B
1V
RO
-1V
fIN = 1MHz
tr, tf
≤ 3ns
OUTPUT
INPUT
VCC/2
VCC/2
tPHL
tPLH
Figure 1. Receiver Propagation Delay
tPRZH
OUT
EN
OUT
EN
VCC/2
VCC/2
VCC
0
VOH
0
VCC
0
VOH
0
FOR MAX3281E THE ENABLE SIGNAL IS INVERTED.
S1 OPEN
S2 CLOSED
S3 = 1.5V
S1 OPEN
S2 CLOSED
S3 = 1.5V
0.25V
tPRHZ
tPRLZ
VCC/2
0.25V
OUT
EN
OUT
EN
VCC
0
VCC
VOL
VCC
0
VCC
VOL
S1 CLOSED
S2 OPEN
S3 = -1.5V
S1 CLOSED
S2 OPEN
S3 = -1.5V
tPRZL
VCC/2
VCC/2
GENERATOR
1.5V
-1.5V
VID
R
CL
1k
S1
VCC
S2
50
S3
VCC/2
Figure 2. MAX3281E/MAX3283E Receiver Enable/Disable Timing


Similar Part No. - MAX3280E_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results

Similar Description - MAX3280E_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com