Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3283E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3283E
Description  ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3283E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3283E Datasheet HTML 1Page - Maxim Integrated Products MAX3283E Datasheet HTML 2Page - Maxim Integrated Products MAX3283E Datasheet HTML 3Page - Maxim Integrated Products MAX3283E Datasheet HTML 4Page - Maxim Integrated Products MAX3283E Datasheet HTML 5Page - Maxim Integrated Products MAX3283E Datasheet HTML 6Page - Maxim Integrated Products MAX3283E Datasheet HTML 7Page - Maxim Integrated Products MAX3283E Datasheet HTML 8Page - Maxim Integrated Products MAX3283E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Maxim Integrated
MAX3280E/MAX3281E/
MAX3283E/MAX3284E
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers
SWITCHING CHARACTERISTICS
(VCC = 3V to 5.5V, VL = VCC, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 5V and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
fMAX
CL = 15pF (Notes 5, 6)
52
Mbps
tPLH
Figure 1, CL = 15pF, VID = 2V, VCM = 0V
7
15
Receiver Propagation Delay
tPHL
Figure 1, CL = 15pF, VID = 2V, VCM = 0V
8
15
ns
Receiver Output |tPLH - tPHL|
tPSKEW
Figure 1, CL = 15pF, TA = +25°C
2
ns
Device-to-Device Propagation
Delay Matching
Same power supply, maximum
temperature difference between
devices = +30°C.
8
ns
ENABLE/DISABLE TIME FOR MAX3281E/MAX3283E
Receiver Enable to Output Low
tPRZL
Figure 2, CL = 15pF
500
ns
Receiver Enable to Output High
tPRZH
Figure 2, CL = 15pF
500
ns
Receiver Disable Time from Low
tPRLZ
Figure 2, CL = 15pF
500
ns
Receiver Disable Time from High
tPRHZ
Figure 2, CL = 15pF
500
ns
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
0
1
3
2
4
5
020
10
30
40
50
60
RECEIVER OUTPUT LOW VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
VCC = 3.3V
VCC = 5V
0
1
3
2
4
5
-50
-30
-40
-20
-10
0
RECEIVER OUTPUT HIGH VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
VCC = 3.3V
VCC = 5V
2.5
3.0
4.0
3.5
4.5
5.0
-50
0
-25
25
50
75
100
125
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
VCC = 3.3V
VA = 1V, B = GND, IOH = -4mA
Note 2: Parameters are 100% production tested at +25°C, limits over temperature are guaranteed by design.
Note 3: All currents into the device are positive; all currents out of the device are negative. All voltages are referenced to device
ground, unless otherwise noted.
Note 4: VCM is the common-mode input voltage. VID is the differential input voltage.
Note 5: Not production tested. Guaranteed by design.
Note 6: See Table 2 for MAX3284E data rates with VL < VCC.


Similar Part No. - MAX3283E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3283E MAXIM-MAX3283E Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3283E MAXIM-MAX3283E Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3283E MAXIM-MAX3283E Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
logo
List of Unclassifed Man...
MAX3283EAUT ETC-MAX3283EAUT Datasheet
45Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX3283EAUT MAXIM-MAX3283EAUT Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
More results

Similar Description - MAX3283E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com