Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD713JR-16-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD713JR-16-REEL
Description  Quad Precision, Low Cost, High Speed, BiFET Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD713JR-16-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD713JR-16-REEL Datasheet HTML 6Page - Analog Devices AD713JR-16-REEL Datasheet HTML 7Page - Analog Devices AD713JR-16-REEL Datasheet HTML 8Page - Analog Devices AD713JR-16-REEL Datasheet HTML 9Page - Analog Devices AD713JR-16-REEL Datasheet HTML 10Page - Analog Devices AD713JR-16-REEL Datasheet HTML 11Page - Analog Devices AD713JR-16-REEL Datasheet HTML 12Page - Analog Devices AD713JR-16-REEL Datasheet HTML 13Page - Analog Devices AD713JR-16-REEL Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
REV. C
AD713
–10–
Figure 12. Buffer Recovery Time Source Current = 2 mA
Figure 13. Buffer Recovery Time Sink Current = 1 mA
Driving A Large Capacitive Load
The circuit of Figure 14 employs a 100
Ω isolation resistor which
enables the amplifier to drive capacitive loads exceeding 1500 pF;
the resistor effectively isolates the high frequency feedback from
the load and stabilizes the circuit. Low frequency feedback is
returned to the amplifier summing junction via the low pass filter
formed by the 100
Ω series resistor and the load capacitance, C1.
Figure 15 shows a typical transient response for this connection.
Figure 14. Circuit for Driving a Large Capacitance Load
Table II. Recommended Trim Resistor Values vs.
Grades for AD7545 for VD = 5 V
Trim
JN/AQ/
KN/BQ/
LN/CQ/
GLN/GCQ/
Resistor
SD
TD
UD
GUD
R1
500
200
100
20
R2
150
68
33
6.8
Figure 15. Transient Response, RL = 2 kΩ, CL = 500 pF
CMOS DAC APPLICATIONS
The AD713 is an excellent output amplifier for CMOS DACs.
It can be used to perform both 2 and 4 quadrant operation. The
output impedance of a DAC using an inverted R-2R ladder
approaches R for codes containing many “1”s, 3R for codes con-
taining a single “1” and infinity for codes containing all zeros.
For example, the output resistance of the AD7545 will modu-
late between 11 k
Ω and 33 kΩ. Therefore, with the DAC’s
internal feedback resistance of 11 k
Ω, the noise gain will vary
from 2 to 4/3. This changing noise gain modulates the effect of
the input offset voltage of the amplifier, resulting in nonlinear
DAC amplifier performance. The AD713, with its guaranteed
1.5 mV input offset voltage, minimizes this effect achieving
12-bit performance.
Figures 16 and 17 show the AD713 and a 12-bit CMOS DAC,
the AD7545, configured for either a unipolar binary (2-quadrant
multiplication) or bipolar (4-quadrant multiplication) operation.
Capacitor C1 provides phase compensation which reduces over-
shoot and ringing.
Figure 16. Unipolar Binary Operation
Figure 17. Bipolar Operation


Similar Part No. - AD713JR-16-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713JR-16-REEL AD-AD713JR-16-REEL Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16-REEL AD-AD713JR-16-REEL Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16-REEL AD-AD713JR-16-REEL Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16-REEL AD-AD713JR-16-REEL Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16-REEL AD-AD713JR-16-REEL Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results

Similar Description - AD713JR-16-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com