Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5986A Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5986A
Description  IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5986A Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5986A Datasheet HTML 5Page - Maxim Integrated Products MAX5986A Datasheet HTML 6Page - Maxim Integrated Products MAX5986A Datasheet HTML 7Page - Maxim Integrated Products MAX5986A Datasheet HTML 8Page - Maxim Integrated Products MAX5986A Datasheet HTML 9Page - Maxim Integrated Products MAX5986A Datasheet HTML 10Page - Maxim Integrated Products MAX5986A Datasheet HTML 11Page - Maxim Integrated Products MAX5986A Datasheet HTML 12Page - Maxim Integrated Products MAX5986A Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MAX5986A/MAX5986B/MAX5987A
IEEE 802.3af-Compliant, High-Efficiency, Class 1/
Class 2, PDs with Integrated DC-DC Converter
9
Maxim Integrated
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
CLASSIFICATION SETTLING TIME
MAX5986A toc06
VDD
10V/div
GND
IDD
10mA/div
0mA
400µs/div
CLASSIFICATION CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
18.6
17.1
15.6
14.1
10.42
10.44
10.46
10.48
10.50
10.52
10.54
10.56
10.58
10.60
10.40
12.6
20.0
LED CURRENT vs. RSL
RSL (kI)
70
60
50
40
30
20
12
18
20
24
28
8
10
80
LED CURRENT vs. LED VOLTAGE
LED VOLTAGE (V)
5.25
3.50
1.75
10
15
20
25
5
0
7.00
RSL = 30.2kI
RSL = 60.4kI
EFFICIENCY vs. LOAD CURRENT
(MAX5986A, VOUT = 5V)
LOAD CURRENT (mA)
0.8 0.9 1.0
0.7
0.6
0.4 0.5
0.2 0.3
0.1
60
65
70
75
80
85
90
95
100
0
VIN = 12V
VIN = 36V
VIN = 57V
VIN = 48V
INRUSH CURRENT LIMIT vs. VCC VOLTAGE
VCC (V)
42
36
30
24
18
12
6
44
48
52
56
60
40
048


Similar Part No. - MAX5986A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5986A MAXIM-MAX5986A Datasheet
2Mb / 20P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter
Rev 0; 4/12
MAX5986A MAXIM-MAX5986A Datasheet
1Mb / 8P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/12
MAX5986A MAXIM-MAX5986A Datasheet
1Mb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2018
MAX5986AETE++ MAXIM-MAX5986AETE+ Datasheet
2Mb / 20P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter
Rev 0; 4/12
MAX5986AETE++ MAXIM-MAX5986AETE+ Datasheet
1Mb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2018
More results

Similar Description - MAX5986A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5986A MAXIM-MAX5986A_V01 Datasheet
1Mb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2018
MAX5991A MAXIM-MAX5991A Datasheet
861Kb / 22P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2015
MAX5986A MAXIM-MAX5986A Datasheet
2Mb / 20P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter
Rev 0; 4/12
MAX5988A MAXIM-MAX5988A Datasheet
908Kb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, Powered Devices
2015
logo
Texas Instruments
TPS23734 TI1-TPS23734 Datasheet
1Mb / 48P
[Old version datasheet]   TPS23734 IEEE 802.3bt Type 3 Class 1-4 PoE PD with High Efficiency DC-DC Controller
TPS23750EVM-108 TI1-TPS23750EVM-108 Datasheet
1Mb / 41P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
TPS23750 TI-TPS23750 Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
Bel Fuse Inc.
SRPE-03E1A0 BEL-SRPE-03E1A0 Datasheet
690Kb / 13P
   Class II, Category 2, Non-Isolated DC/DC Converter
logo
Silicon Laboratories
SI3460 SILABS-SI3460 Datasheet
435Kb / 22P
   IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com