Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5987A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5987A
Description  IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5987A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5987A Datasheet HTML 2Page - Maxim Integrated Products MAX5987A Datasheet HTML 3Page - Maxim Integrated Products MAX5987A Datasheet HTML 4Page - Maxim Integrated Products MAX5987A Datasheet HTML 5Page - Maxim Integrated Products MAX5987A Datasheet HTML 6Page - Maxim Integrated Products MAX5987A Datasheet HTML 7Page - Maxim Integrated Products MAX5987A Datasheet HTML 8Page - Maxim Integrated Products MAX5987A Datasheet HTML 9Page - Maxim Integrated Products MAX5987A Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MAX5986A/MAX5986B/MAX5987A
IEEE 802.3af-Compliant, High-Efficiency, Class 1/
Class 2, PDs with Integrated DC-DC Converter
6
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 48V, RSIG = 24.9kω, LED, VCC, SL, ULP, WK, RESET, LDO_OUT unconnected, WAD = LDO_EN = LDO_IN = PGND = GND,
C1 = 68nF, C2 = 10µF, C3 = 1µF (see Figure 3), VFB = VAUX = 0V, LX unconnected. All voltages are referenced to GND, unless
otherwise noted. TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
FB Input Bias Current
IFB
VFB = 1.224V
10
200
nA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
Output Voltage Range
VOUT
MAX5986A/MAX5987A
3.0
5.6
V
MAX5986B
5.4
14
Cycle by Cycle Overvoltage
Protection
VOUT-OV
Rising (Note 7)
100.5
100.3
108
%
Falling (Note 7)
98.5
INTERNAL COMPENSATION NETWORK
Compensation Network Zero-
Resistance
RZERO
200
kI
Compensation Network Zero-
Capacitance
CZERO
150
pF
CURRENT LIMIT
Peak Current-Limit Threshold
IPEAK-LIMIT
MAX5986A
1.45
64
A
MAX5986B
CLASS2 = GND
0.75
0.81
CLASS2 = VDRV
0.85
0.94
MAX5987A
CLASS2 = GND
1.45
1.64
CLASS2 = VDRV
1.66
1.79
Runaway Current-Limit Threshold
IRUNAWAY-
LIMIT
MAX5986A
1.9
A
MAX5986B
CLASS2 = GND
0.93
CLASS2 = VDRV
1.07
MAX5987A
CLASS2 = GND
1.9
CLASS2 = VDRV
2.2
Valley Current-Limit Threshold
IVALLEY-
LIMIT
MAX5986A/MAX5987A
1.5
A
MAX5986B
0.75
ZX Threshold
IZX
25
mA
TIMINGS
Switching Frequency
fSW
MAX5986A
245
275
305
kHz
MAX5986B/MAX5987A
190
215
238
Frequency Foldback
fSW-FOLD
MAX5986A
122.5
137.5
152.5
kHz
MAX5986B/MAX5987A
95
107.5
119
Consecutive ZX Events for
Entering Foldback
8
Events
Consecutive ZX Events for Exiting
Foldback
8
Events


Similar Part No. - MAX5987A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5987A MAXIM-MAX5987A Datasheet
2Mb / 20P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter
Rev 0; 4/12
MAX5987AETE++ MAXIM-MAX5987AETE+ Datasheet
2Mb / 20P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter
Rev 0; 4/12
MAX5987AETE++ MAXIM-MAX5987AETE+ Datasheet
1Mb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2018
More results

Similar Description - MAX5987A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5986A MAXIM-MAX5986A_V01 Datasheet
1Mb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2018
MAX5991A MAXIM-MAX5991A Datasheet
861Kb / 22P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2015
MAX5986A MAXIM-MAX5986A Datasheet
2Mb / 20P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter
Rev 0; 4/12
MAX5988A MAXIM-MAX5988A Datasheet
908Kb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, Powered Devices
2015
logo
Texas Instruments
TPS23734 TI1-TPS23734 Datasheet
1Mb / 48P
[Old version datasheet]   TPS23734 IEEE 802.3bt Type 3 Class 1-4 PoE PD with High Efficiency DC-DC Controller
TPS23750EVM-108 TI1-TPS23750EVM-108 Datasheet
1Mb / 41P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
TPS23750 TI-TPS23750 Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
Bel Fuse Inc.
SRPE-03E1A0 BEL-SRPE-03E1A0 Datasheet
690Kb / 13P
   Class II, Category 2, Non-Isolated DC/DC Converter
logo
Silicon Laboratories
SI3460 SILABS-SI3460 Datasheet
435Kb / 22P
   IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com