Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7225KR Datasheet(PDF) 9 Page - Analog Devices

Part # AD7225KR
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225KR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7225KR Datasheet HTML 4Page - Analog Devices AD7225KR Datasheet HTML 5Page - Analog Devices AD7225KR Datasheet HTML 6Page - Analog Devices AD7225KR Datasheet HTML 7Page - Analog Devices AD7225KR Datasheet HTML 8Page - Analog Devices AD7225KR Datasheet HTML 9Page - Analog Devices AD7225KR Datasheet HTML 10Page - Analog Devices AD7225KR Datasheet HTML 11Page - Analog Devices AD7225KR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7225
REV. B
–9–
Figure 14. AD7225 Bipolar Output Circuit
Table IV. Bipolar (Offset Binary) Code Table
DAC Latch Contents
MSB
LSB
Analog Output
1 1 1 1
1 1 1 1
+V
REF
127
128


1 0 0 0
0 0 0 1
+V
REF
1
128


1 0 0 0
0 0 0 0
0 V
0 1 1 1
1 1 1 1
–V
REF
1
128


0 0 0 0
0 0 0 1
–V
REF
127
128


0 0 0 0
0 0 0 0
–V
REF
128
128


= –V
REF
AGND BIAS
The AD7225 AGND pin can be biased above system GND
(AD7225 DGND) to provide an offset “zero” analog output
voltage level. Figure 15 shows a circuit configuration to achieve
this for channel A of the AD7225. The output voltage, VOUT A,
can be expressed as:
VOUT A = VBIAS + DA (VIN)
where DA is a fractional representation of the digital word in
DAC latch A. (0
≤ D
A
≤ 255/256).
Figure 15. AGND Bias Circuit
For a given VIN, increasing AGND above system GND will re-
duce the effective VDD–VREF which must be at least 4 V to en-
sure specified operation. Note that because the AGND pin is
common to all four DACs, this method biases up the output
voltages of all the DACs in the AD7225. Note that VDD and VSS
of the AD7225 should be referenced to DGND.
AC REFERENCE SIGNAL
In some applications it may be desirable to have ac reference
signals. The AD7225 has multiplying capability within the up-
per (VDD – 4 V) and lower (2 V) limits of reference voltage when
operated with dual supplies. Therefore ac signals need to be ac
coupled and biased up before being applied to the reference in-
puts. Figure 16 shows a sine wave signal applied to VREF A. For
input signal frequencies up to 50 kHz the output distortion typi-
cally remains less than 0.1%. The typical 3 dB bandwidth figure
for small signal inputs is 800 kHz.
Figure 16. Applying an AC Signal to the AD7225
APPLICATIONS
PROGRAMMABLE TRANSVERSAL FILTER
A discrete-time filter may be described by either multiplication
in the frequency domain or convolution in the time domain i.e.
Y
ω
() = H ω
()X ω
() or y
n =∑
k
=1
N
h
kXn –k
+1
The convolution sum may be implemented using the special
structure known as the transversal filter (Figure 17). Basically, it
consists of an N-stage delay line with N taps weighted by N co-
efficients, the resulting products being accumulated to form the
output. The tap weights or coefficients hk are actually the non-
zero elements of the impulse response and therefore determine
the filter transfer function. A particular filter frequency response
is realized by setting the coefficients to the appropriate values.
This property leads to the implementation of transversal filters
whose frequency response is programmable.
Figure 17. Transversal Filter


Similar Part No. - AD7225KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225KR AD-AD7225KR Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KR-REEL AD-AD7225KR-REEL Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KRZ AD-AD7225KRZ Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KRZ-REEL AD-AD7225KRZ-REEL Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
More results

Similar Description - AD7225KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com