Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712KR Datasheet(PDF) 8 Page - Analog Devices

Part # AD712KR
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712KR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD712KR Datasheet HTML 4Page - Analog Devices AD712KR Datasheet HTML 5Page - Analog Devices AD712KR Datasheet HTML 6Page - Analog Devices AD712KR Datasheet HTML 7Page - Analog Devices AD712KR Datasheet HTML 8Page - Analog Devices AD712KR Datasheet HTML 9Page - Analog Devices AD712KR Datasheet HTML 10Page - Analog Devices AD712KR Datasheet HTML 11Page - Analog Devices AD712KR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD712
REV. B
–8–
OP AMP SETTLING TIME -
A MATHEMATICAL MODEL
The design of the AD712 gives careful attention to optimizing
individual circuit components; in addition, a careful trade-off
was made: the gain bandwidth product (4 MHz) and slew rate
(20 V/
µs) were chosen to be high enough to provide very fast
settling time but not too high to cause a significant reduction in
phase margin (and therefore stability). Thus designed, the
AD712 settles to
±0.01%, with a 10 V output step, in under
1
µs, while retaining the ability to drive a 250 pF load capaci-
tance when operating as a unity gain follower.
If an op amp is modeled as an ideal integrator with a unity gain
crossover frequency of
ωο/2π, Equation 1 will accurately de-
scribe the small signal behavior of the circuit of Figure 26a,
consisting of an op amp connected as an I-to-V converter at the
output of a bipolar or CMOS DAC. This equation would com-
pletely describe the output of the system if not for the op amp’s
finite slew rate and other nonlinear effects.
Equation 1.
V
O
I
IN
=
– R
R(C
f = CX )
ωο
s
2
+
G
N
ωο
+ RC
f


s
+1
where
ωο
2π
=op amp’s unity gain frequency
GN = “noise” gain of circuit 1 +
R
R
O


This equation may then be solved for Cf:
Equation 2.
C
f =
2
− G
N
R
ωο
+
2 RC
X ω
ο + (1 − GN )
R
ωο
In these equations, capacitor CX is the total capacitor appearing
the inverting terminal of the op amp. When modeling a DAC
buffer application, the Norton equivalent circuit of Figure 26a
can be used directly; capacitance CX is the total capacitance of
the output of the DAC plus the input capacitance of the op amp
(since the two are in parallel).
1/2
AD712
VOUT
RL
CL
CF
R
IO
RO
CX
Figure 26a. Simplified Model of the AD712 Used as a
Current-Out DAC Buffer
When RO and IO are replaced with their Thevenin VIN and RIN
equivalents, the general purpose inverting amplifier of Figure
26b is created. Note that when using this general model, capaci-
tance CX is EITHER the input capacitance of the op amp if a
simple inverting op amp is being simulated OR it is the com-
bined capacitance of the DAC output and the op amp input if
the DAC buffer is being modeled.
1/2
AD712
VOUT
RL
CL
CF
R
VIN
RIN
CX
Figure 26b. Simplified Model of the AD712
Used as an Inverter
In either case, the capacitance CX causes the system to go from
a one-pole to a two-pole response; this additional pole increases
settling time by introducing peaking or ringing in the op amp
output. Since the value of CX can be estimated with reasonable
accuracy, Equation 2 can be used to choose a small capacitor,
CF, to cancel the input pole and optimize amplifier response.
Figure 27 is a graphical solution of Equation 2 for the AD712
with R = 4 k
Ω.
CF
40
30
0
10
0
20
10
GN = 3.0
GN = 2.0
GN = 1.5
GN = 1.0
20
30
40
50
60
50
60
GN = 4.0
Figure 27. Value of Capacitor CF vs. Value of CX


Similar Part No. - AD712KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712KR AD-AD712KR Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712KR-REEL AD-AD712KR-REEL Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712KR-REEL7 AD-AD712KR-REEL7 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712KRZ AD-AD712KRZ Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712KRZ-REEL AD-AD712KRZ-REEL Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
More results

Similar Description - AD712KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com