Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73311L Datasheet(PDF) 1 Page - Analog Devices

Part # AD73311L
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311L Datasheet(HTML) 1 Page - Analog Devices

  AD73311L Datasheet HTML 1Page - Analog Devices AD73311L Datasheet HTML 2Page - Analog Devices AD73311L Datasheet HTML 3Page - Analog Devices AD73311L Datasheet HTML 4Page - Analog Devices AD73311L Datasheet HTML 5Page - Analog Devices AD73311L Datasheet HTML 6Page - Analog Devices AD73311L Datasheet HTML 7Page - Analog Devices AD73311L Datasheet HTML 8Page - Analog Devices AD73311L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD73311L
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Low Cost, Low Power CMOS
General Purpose Analog Front End
FUNCTIONAL BLOCK DIAGRAM
AD73311L
AGND1
AGND2
DGND
DVDD
AVDD2
AVDD1
VINP
VINN
VOUTP
VOUTN
REFCAP
REFOUT
SDI
SDIFS
SCLK
SDO
SDOFS
SE
MCLK
RESET
1-BIT
DAC
REFERENCE
SERIAL
I/O
PORT
INTERPOLATOR
DECIMATOR
SWITCHED-
CAPACITOR
LOW-PASS FILTER
CONTINUOUS
TIME
LOW-PASS FILTER
+6/–15dB
PGA
0/38dB
PGA
ANALOG
SIGMA-DELTA
MODULATOR
DIGITAL
SIGMA-DELTA
MODULATOR
ANALOG
LOOPBACK/
SINGLE-ENDED
ENABLE
FEATURES
16-Bit A/D Converter
16-Bit D/A Converter
Programmable Input/Output Sample Rates
76 dB ADC SNR
77 dB DAC SNR
Programmable Sampling Rate
64 kS/s Maximum Sample Rate
–90 dB Crosstalk
Low Group Delay (25 ms Typ per ADC Channel,
50 ms Typ per DAC Channel)
Programmable Input/Output Gain
Flexible Serial Port Which Allows Up to Eight Devices
to Be Connected in Cascade
Single (+3 V) Supply Operation
33 mW Max Power Consumption at 2.7 V
On-Chip Reference
20-Lead SOIC/SSOP/TSSOP Packages
APPLICATIONS
General Purpose Analog I/O
Speech Processing
Cordless and Personal Communications
Telephony
Active Control of Sound and Vibration
Data Communications
GENERAL DESCRIPTION
The AD73311L is a complete front-end processor for general
purpose applications including speech and telephony. It features
a 16-bit A/D conversion channel and a 16-bit D/A conversion
channel. Each channel provides 70 dB signal-to-noise ratio over
a voiceband signal bandwidth. The final channel bandwidth can
be reduced, and signal-to-noise ratio improved, by external
digital filtering in a DSP engine.
The AD73311L is suitable for a variety of applications in the
speech and telephony area, including low bit rate, high quality
compression, speech enhancement, recognition and synthesis.
The low group delay characteristic of the part makes it suitable
for single or multichannel active control applications.
The gains of the A/D and D/A conversion channels are program-
mable over 38 dB and 21 dB ranges respectively. An on-chip
reference voltage is included to allow single supply operation.
A serial port (SPORT) allows easy interfacing of single or cas-
caded devices to industry standard DSP engines.
The AD73311L is available in 20-lead SOIC, SSOP and
TSSOP packages.


Similar Part No. - AD73311L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311L AD-AD73311L Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
AD73311L AD-AD73311L Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311LAR AD-AD73311LAR Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311LARS AD-AD73311LARS Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311LARU AD-AD73311LARU Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
More results

Similar Description - AD73311L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com