Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7304BRU Datasheet(PDF) 4 Page - Analog Devices

Part # AD7304BRU
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304BRU Datasheet(HTML) 4 Page - Analog Devices

  AD7304BRU Datasheet HTML 1Page - Analog Devices AD7304BRU Datasheet HTML 2Page - Analog Devices AD7304BRU Datasheet HTML 3Page - Analog Devices AD7304BRU Datasheet HTML 4Page - Analog Devices AD7304BRU Datasheet HTML 5Page - Analog Devices AD7304BRU Datasheet HTML 6Page - Analog Devices AD7304BRU Datasheet HTML 7Page - Analog Devices AD7304BRU Datasheet HTML 8Page - Analog Devices AD7304BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD7304/AD7305
–4–
REV. A
SDI
CLK
CS
LDAC
SA
SI
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
tCSH
tLD2
tCSS
tLD1
SDI
CLK
CLR
LDAC
FS
ZS
VOUT
tDS
tDH
tCL
tCH
tLDW
tS
tCLRW
tS
1 LSB
ERROR BAND
Figure 2. AD7304 Timing Diagram
tSDR
SDI/SHDN
IDD
tSDN
Figure 3. AD7304 Timing Diagram
Table I. AD7304 Control Logic Truth Table
CS
CLK
LDAC CLR
Serial Shift Register Function
Input REG Function
DAC Register Function
H
X
H
H
No Effect
No Effect
No Effect
L
↑+
H
H
Data Advanced 1 Bit
No Effect
No Effect
↑+
L
H
H
No Effect
Updated with SR Contents
2
No Effect
H
X
L
H
No Effect
Latched with SR Contents
2
All Input Register Contents Transferred
3
HX
H
↓–
No Effect
Loaded with 00H
Loaded with 00H
HX
H
↑+
No Effect
Latched with 00H
Latched with 00H
NOTES
1
↑+ positive logic transition; ↓– negative logic transition; X Don’t Care.
2One Input Register receives the data bits D7–D0 decoded from the SR address bits (A1, A0); where REG A = (0, 0); B = (0, 1); C = (1, 0); D = (1, 1).
3
LDAC is a level-sensitive input.
Table II. AD7304 Serial Input Register Data Format, Data Is Loaded in the MSB-First Format
MSB
LSB
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
AD7304 SAC
SDC
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
If B11 (SAC), Shutdown All Channels, is set to logic LOW, all DACs are placed in a power shutdown mode, all output voltages become high resistance. If B10 (SDC),
Shutdown Decoded Channel, is set to logic LOW, only the DAC decoded by address bits A1 and A0 is placed in the shutdown mode.


Similar Part No. - AD7304BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304BRU AD-AD7304BRU Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BRU AD-AD7304BRU Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BRU AD-AD7304BRU Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BRU-REEL7 AD-AD7304BRU-REEL7 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BRU-REEL7 AD-AD7304BRU-REEL7 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7304BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com