Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7306AN Datasheet(PDF) 5 Page - Analog Devices

Part # AD7306AN
Description  5 V Powered RS-232/RS-422 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7306AN Datasheet(HTML) 5 Page - Analog Devices

  AD7306AN Datasheet HTML 1Page - Analog Devices AD7306AN Datasheet HTML 2Page - Analog Devices AD7306AN Datasheet HTML 3Page - Analog Devices AD7306AN Datasheet HTML 4Page - Analog Devices AD7306AN Datasheet HTML 5Page - Analog Devices AD7306AN Datasheet HTML 6Page - Analog Devices AD7306AN Datasheet HTML 7Page - Analog Devices AD7306AN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD7306
REV. B
–5–
t
PHL
t
PLH
1.5V
1.5V
90% POINT
10% POINT
3V
0V
VO
VO
0V
–VO
1/2 VO
t
SKEW
t
R
tF
t SKEW
90% POINT
10% POINT
T3
(B)
OUT
OUT
T3
(A)
Figure 4. RS-422 Driver. Propagation Delay Rise/Fall
Timing
t
PLH
t
PHL
2.5V
–2.5V
0V
0V
VOL
VOH
R1OUT
DIFFERENTIAL
INPUT
R1
(B) - R1
(A)
IN
IN
Figure 5. RS-422 Receiver Timing
tEN2
t
EN1
1.5V
1.5V
VOL
VOH
R1OUT
232/422 SEL
VOL
VOH
RS-232
RS-422
RS-232
Figure 6. RS-232/RS-422 Receiver Enable Timing
R1
(B)
IN
±10V
POWER
SUPPLY
GENERATOR
T2 OUT
T1OUT
R2 OUT
R1 OUT
T1IN
T2 IN
R2 IN
AD7306
R1
RS-232
INPUT
RS-232
OUTPUTS
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
T3 IN
232/422 SEL
T3
(B)
OUT
T3
(A)
OUT
RS-422
OUTPUT
RS-232/
RS-422
INPUT
RS-422
INPUT
R1IN /R1IN (A)
8
9
15
17
R2
21
4
T3
7
2
3
23
22
24
1
0.1
µF
0.1
µF
0.1
µF
0.1
µF
+5V INPUT
VCC
V+
C1+
C1–
11
10
16
19
6
C2–
C2+
V–
T2
T1
20
5
0.1
µF
14
18
Figure 1. AD7306 Application Circuit
T3
C
= 100pF
L1
T3
(B)
OUT
RL
= 100
DIFF
T3 IN
OUT
T3
(A)
C
= 100pF
L2
Figure 2. RS-422 Driver. Propagation Delay Test Circuit
T3
T3
(B)
OUT
T3 IN
OUT
T3
(A)
RL DIFF
VOD
Figure 3. RS-422 Driver. Voltage Measurement Test
Circuit


Similar Part No. - AD7306AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306ANZ AD-AD7306ANZ Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
More results

Similar Description - AD7306AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
   Port-powered RS-232 to RS-422 Converter
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
   Port-powered RS-232 to RS-422 Converter
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
   Port-powered RS-232 to RS-422/485 converters
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com