Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7306AN Datasheet(PDF) 2 Page - Analog Devices

Part # AD7306AN
Description  5 V Powered RS-232/RS-422 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7306AN Datasheet(HTML) 2 Page - Analog Devices

  AD7306AN Datasheet HTML 1Page - Analog Devices AD7306AN Datasheet HTML 2Page - Analog Devices AD7306AN Datasheet HTML 3Page - Analog Devices AD7306AN Datasheet HTML 4Page - Analog Devices AD7306AN Datasheet HTML 5Page - Analog Devices AD7306AN Datasheet HTML 6Page - Analog Devices AD7306AN Datasheet HTML 7Page - Analog Devices AD7306AN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
AD7306–SPECIFICATIONS
(VCC = +5 V
5%, C1 = C2 = C3 = C4 = 0.1
F. All specifications TMIN to
TMAX unless otherwise noted.)
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
RS-232 DRIVER
TTL Input Logic Low, VINL
0.8
V
TTL Input Logic High, VINH
2.0
V
Input Logic Current
0.1
±10
µAV
IN = 0 V to VCC
RS-232 High Level Output Voltage
5.0
7.3
V
RL = 3 k
RS-232 Low Level Output Voltage
–5.0
–6.5
V
RL = 3 k
Output Short Circuit Current
±5
±12
mA
VOUT = 0 V, TA = 0°C to +70°C
Slew Rate
8
20
30
V/
µsC
L = 50 pF, RL = 3 k
4V/
µsC
L = 2500 pF, RL = 3 k
Output Resistance (Powered Down)
300
10M
VCC = 0 V, VOUT = ± 3 V
RS-232 RECEIVER
Input Voltage Range
–15
+15
V
RS-232 Input Threshold Low
0.8
1.3
V
RS-232 Input Threshold High
1.7
2.4
V
RS-232 Input Hysteresis
0.1
0.4
1.0
V
RS-232 Input Resistance
3
5
7
k
TTL Output Voltage Low, VOL
0.2
0.4
V
IOUT = +4 mA
TTL Output Voltage High, VOH
3.5
4.8
V
IOUT = –4 mA
RS-422 DRIVER
TTL Input Logic Low, VINL
0.8
V
TTL Input Logic High, VINH
2.0
V
Logic Input Current
0.1
±10
µAV
IN = 0 V to VCC
Differential Output Voltage
5.0
V
VCC = 5 V, RL Diff =
∞; Figure 3
2V
RL Diff = 100
Ω; Figure 3
Common-Mode Output Voltage
3
V
∆|V
OUT| for Complementary O/P States
0.2
V
RL Diff = 100
Output Short Circuit Current
35
150
mA
0 V
≤ V
CMR
≤ +7 V
RS-422 RECEIVER
Common-Mode Voltage Range
±7
V
Typical RS-422 Input Voltage <5 V
Differential Input Threshold Voltage
–0.2
+0.2
V
Input Voltage Hysteresis
70
mV
VCM = 0 V
Input Resistance
3
5
7
k
TTL Output Voltage Low, VOL
0.2
0.4
V
IOUT = +4.0 mA
TTL Output Voltage High, VOH
3.5
4.8
V
IOUT = –4.0 mA
232/422 SEL Input
Input Logic Low, VINL
0.8
V
Input Logic High, VINH
2.0
V
Logic Input Current
0.1
±10
µAV
IN = 0 V to VCC
POWER SUPPLY CURRENT
ICC
10
15
mA
Outputs Unloaded
CHARGE PUMP VOLTAGE GENERATOR
V+ Output Voltage
9
V
RS-232 Output Unloaded;
See Typical Performance Curves
V– Output Voltage
–9
V
RS-232 Outputs Unloaded;
See Typical Performance Curves
Generator Rise Time
200
µs
Specifications subject to change without notice.


Similar Part No. - AD7306AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306ANZ AD-AD7306ANZ Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
More results

Similar Description - AD7306AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
   Port-powered RS-232 to RS-422 Converter
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
   Port-powered RS-232 to RS-422 Converter
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
   Port-powered RS-232 to RS-422/485 converters
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com