Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73322 Datasheet(PDF) 7 Page - Analog Devices

Part # AD73322
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD73322 Datasheet HTML 3Page - Analog Devices AD73322 Datasheet HTML 4Page - Analog Devices AD73322 Datasheet HTML 5Page - Analog Devices AD73322 Datasheet HTML 6Page - Analog Devices AD73322 Datasheet HTML 7Page - Analog Devices AD73322 Datasheet HTML 8Page - Analog Devices AD73322 Datasheet HTML 9Page - Analog Devices AD73322 Datasheet HTML 10Page - Analog Devices AD73322 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
–7–
REV. B
AD73322
AD73322A
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
LOGIC INPUTS
VINH, Input High Voltage
DVDD – 0.8
DVDD
V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
±0.5
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUT
VOH, Output High Voltage
DVDD – 0.4
DVDD
V
|IOUT| ≤ 100 µA
VOL, Output Low Voltage
0
0.4
V
|IOUT| ≤ 100 µA
Three-State Leakage Current
±0.3
µA
POWER SUPPLIES
AVDD1, AVDD2
4.5
5.5
V
DVDD
4.5
5.5
V
IDD
10
See Table II
NOTES
1Operating temperature range is as follows: –40
°C to +85°C. Therefore, T
MIN = –40°C and TMAX = +85°C.
2Test conditions: Input PGA set for 0 dB gain, Output PGA set for 6 dB gain, no load on analog outputs (unless otherwise stated).
3At input to sigma-delta modulator of ADC.
4Guaranteed by design.
5Overall group delay will be affected by the sample rate and the external digital filtering.
6The ADC’s input impedance is inversely proportional to DMCLK and is approximated by: (3.3
× 1011)/DMCLK.
7Between VOUTP and VOUTN.
8At VOUT output.
9Frequency responses of ADC and DAC measured with input at audio reference level (the input level that produces an output level of –10 dBm0), with 38 dB
preamplifier bypassed and input gain of 0 dB.
10Test conditions: no load on digital inputs, analog inputs ac coupled to ground, no load on analog outputs.
Specifications subject to change without notice.
Table II. Current Summary (AVDD = DVDD = +5.5 V)
Analog
Digital
Total Current
MCLK
Conditions
Current
Current
(Typ)
SE
ON
Comments
ADCs On Only
7.5
9
16.5
1
YES
REFOUT Disabled
DACs On Only
16
9
25
1
YES
REFOUT Disabled
ADC and DAC On
20.5
10
30.5
1
YES
REFOUT Disabled
ADCs and DACs
and Input Amps On
27
10
37
1
YES
REFOUT Disabled
ADCs and DACs
and AGT On
25
10
35
1
YES
REFOUT Disabled
All Sections On
35
10
45
1
YES
REFCAP On Only
0.8
0
0.8
0
NO
REFOUT Disabled
REFCAP and
REFOUT On Only
3.5
0
3.5
0
NO
All Sections Off
0
3
3
0
YES
MCLK Active Levels Equal to 0 V and DVDD
All Sections Off
0
10
µA
10
µA
0
NO
Digital Inputs Static and Equal to 0 V or DVDD
The above values are in mA and are typical values unless otherwise noted.


Similar Part No. - AD73322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
More results

Similar Description - AD73322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com