Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS431IANTR-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AS431IANTR-G1
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431IANTR-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431IANTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431IANTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431IANTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431IANTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431IANTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS431IANTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS431IANTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS431IANTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS431IANTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I
Dec. 2012
Rev. 1. 8
BCD Semiconductor Manufacturing Limited
10
Typical Performance Characteristics (Continued)
IKA
R1 (10K)
R2
150
Figure 14. Stability Boundary Conditions vs. Load Capacitance
Figure 15. Pulse Response of Input and Output Voltage
Pulse
Generator
f=100KHz
220
50
Output
GND
0
10
20
30
40
50
60
70
80
90
100
Stable
10
1
0.1
0.01
Load Capacitor (μF)
V
KA
=V
REF
V
KA
=5V
V
KA
=10V
V
KA
>10V, No Oscillation
0.001
Stable


Similar Part No. - AS431IANTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431IANTR-G1 BCDSEMI-AS431IANTR-G1 Datasheet
409Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AS431IANTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_11 Datasheet
409Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AS431I DIODES-AS431I Datasheet
448Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431S DIODES-AP431S Datasheet
524Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE250 DIODES-ZXRE250 Datasheet
407Kb / 14P
   VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AP431I DIODES-AP431I Datasheet
445Kb / 17P
   LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com