Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7305BN Datasheet(PDF) 6 Page - Analog Devices

Part # AD7305BN
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7305BN Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7305BN Datasheet HTML 2Page - Analog Devices AD7305BN Datasheet HTML 3Page - Analog Devices AD7305BN Datasheet HTML 4Page - Analog Devices AD7305BN Datasheet HTML 5Page - Analog Devices AD7305BN Datasheet HTML 6Page - Analog Devices AD7305BN Datasheet HTML 7Page - Analog Devices AD7305BN Datasheet HTML 8Page - Analog Devices AD7305BN Datasheet HTML 9Page - Analog Devices AD7305BN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD7304/AD7305
–6–
REV. A
AD7304 PIN FUNCTION DESCRIPTIONS
Pin #
Name
Function
1VOUTB
Channel B rail-to-rail buffered DAC voltage output. Full scale set by reference voltage applied to V REFB pin. Output
is open circuit when SHDN is enabled.
2VOUTA
Channel A rail-to-rail buffered DAC voltage output. Full scale set by reference voltage applied to V REFA pin. Output
is open circuit when SHDN is enabled.
3VSS
Negative Power Supply Input. Specified range of operation 0 V to –5.5 V.
4VREFA
Channel A Reference Input. Establishes VOUTA full-scale voltage. Specified range of operation VSS < VREFA < VDD.
5VREFB
Channel B Reference Input. Establishes VOUTB full-scale voltage. Specified range of operation VSS < VREFB < VDD.
6
GND
Common Analog and Digital Ground.
7
LDAC
Load DAC register strobe, active low. Transfers all four Input Register data into their DAC registers. Asynchronous
active low input. DAC Register is transparent when LDAC = 0. See Control Logic Truth Table for operation.
8
CLR
Clears all Input and DAC registers to the zero condition. Asynchronous active low input. The serial register is not effected .
9
CS
Chip Select, Active Low Input. Disables shift register loading when high. Transfers Serial Input Register Data to the
decoded Input Register when CS returns HIGH. Does not effect LDAC operation.
10
CLK
Clock input, positive edge clocks data into shift register. Disabled by chip select CS.
11
SDI/SHDN
Serial Data-Input loads directly into the shift register, MSB first. Hardware shutdown (SHDN) control input, active
when pin is left floating by a three-state logic driver. Does not effect DAC register contents as long as power is
present on VDD.
12
VREFD
Channel D Reference Input. Establishes VOUTD full-scale voltage. Specified range of operation VSS < VREFD < VDD.
13
VREFC
Channel C Reference Input. Establishes VOUTC full-scale voltage. Specified range of operation VSS < VREFC < VDD.
14
VDD
Positive power supply input. Specified range of operation +2.7 V to +5.5 V.
15
VOUTD
Channel D rail-to-rail buffered DAC voltage output. Full-scale set by reference voltage applied to V REFD pin. Output
is open circuit when SHDN is enabled.
16
VOUTC
Channel C rail-to-rail buffered DAC voltage output. Full-scale set by reference voltage applied to V REFC pin. Output
is open circuit when SHDN is enabled.
AD7305 PIN FUNCTION DESCRIPTIONS
Pin #
Name
Function
1VOUTB
Channel B rail-to-rail buffered DAC voltage output. Full scale set by reference voltage applied to V REFB pin. Output
is open circuit when SHDN is enabled.
2VOUTA
Channel A rail-to-rail buffered DAC voltage output. Full scale set by reference voltage applied to V REFA pin. Output
is open circuit when SHDN is enabled.
3VSS
Negative Power Supply Input. Specified range of operation 0 V to –5.5 V.
4VREF
Channel B Reference Input. Establishes VOUT full-scale voltage. Specified range of operation VSS < VREF < VDD.
5
GND
Common Analog and Digital Ground.
6
LDAC
Load DAC register strobe, active low. Transfers all four Input Register data into their DAC registers. Asynchronous
active low input. DAC Register is transparent when LDAC = 0. See Control Logic Truth Table for operation.
7
DB7
MSB Digital Input Data Bit.
8
DB6
Data Bit 6.
9
DB5
Data Bit 5.
10
DB4
Data Bit 4.
11
DB3
Data Bit 3.
12
DB2
Data Bit 2.
13
DB1
Data Bit 1.
14
DB0
LSB Digital Input Data Bit.
15
WR
Write data into Input Register control line, active low. See Control Logic Truth Table for operation.
16
A1
Address Bit 1.
17
A0/SHDN
Address Bit 0/Hardware shutdown (SHDN) control input, active when pin is left floating by a three-state logic driver.
Does not effect DAC register contents as long as power is present on VDD.
18
VDD
Positive Power Supply Input. Specified range of operation +2.7 V to +5.5 V.
19
VOUTD
Channel D rail-to-rail buffered DAC voltage output. Full scale set by reference voltage applied to V REFD pin. Output
is open circuit when SHDN is enabled.
20
VOUTC
Channel C rail-to-rail buffered DAC voltage output. Full scale set by reference voltage applied to VREFC pin. Output
is open circuit when SHDN is enabled.


Similar Part No. - AD7305BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7305BR AD-AD7305BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BR AD-AD7305BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BR AD-AD7305BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BR-REEL AD-AD7305BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BR-REEL AD-AD7305BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7305BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com