Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15090 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15090
Description  2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15090 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15090_13 Datasheet HTML 5Page - Maxim Integrated Products MAX15090_13 Datasheet HTML 6Page - Maxim Integrated Products MAX15090_13 Datasheet HTML 7Page - Maxim Integrated Products MAX15090_13 Datasheet HTML 8Page - Maxim Integrated Products MAX15090_13 Datasheet HTML 9Page - Maxim Integrated Products MAX15090_13 Datasheet HTML 10Page - Maxim Integrated Products MAX15090_13 Datasheet HTML 11Page - Maxim Integrated Products MAX15090_13 Datasheet HTML 12Page - Maxim Integrated Products MAX15090_13 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Maxim Integrated
MAX15090/MAX15090A
2.7V to 18V, 12A, Hot-Swap Solution
with Current Report Output
Startup
Once the device output is enabled, the device provides
controlled application of power to the load. The voltage at
OUT begins to rise at approximately 10V/ms default until
the programmed circuit-breaker current level is reached,
while the devices actively limit the inrush current at the
circuit-breaker setting. An external capacitor connected
to the GATE pin allows the user to program the slew rate
to a value lower than the default. The inrush current can
be programmed by selecting the appropriate value of
RCB. During startup, a foldback current limit is active to
protect the internal MOSFET to operate within the SOA
(Figure 2).
An internal 50ms timer starts counting when the devices
enter the startup phase. The devices complete the start-
up phase and enter normal operation mode if the voltage
at OUT rises above the precharge threshold (0.9 x VIN)
and (VGATE - VOUT) > 3V. An open-drain power-good
output (PG) goes high-impedance 16ms after the startup
successfully completes.
The thermal-protection circuit is always active and
the internal MOSFET immediately turned off when the
thermal-shutdown threshold condition is reached.
VariableSpeed/BiLevel Fault Protection
VariableSpeed/BiLevel fault protection incorporates com-
parators with different thresholds and response times to
monitor the load current (Figure 3). Protection is provided
in normal operation (after the startup period has expired)
by discharging the MOSFET gate in response to a fault
condition. During a fault condition, the MAX15090A enters
autoretry mode, while the MAX15090 latches off (see the
Autoretry and Latch-Off Fault Management section).
Enable Input (EN)
After a startup phase is successfully completed and
the power-good output asserted, the EN input has to
be pulled low (for at least 1ms) before the tDLY delay
elapses. If the EN input is not pulled low before the tDLY
elapses, then the devices turn off the internal MOSFET
immediately and a new cycle is required for entering
power-up mode. Connect a capacitor between CDLY
and GND to set a 1s/FF duration timeout delay. If this
function in is not implemented, connect EN to GND for
proper operation.
Table 1. Output Enable Truth Table
X = Don’t care.
VUV_TH and VOV_TH = 1.23V (typ).
Figure 1. Undervoltage/Overvoltage-Threshold Setting
POWER SUPPLY
PRECISION ANALOG INPUTS
OUT
VCC
UV
OV
VCC > VUVLO
VUV > VUV_TH
VOV < VOV_TH
On
VCC < VUVLO
X
X
Off
X
VUV < (VUV_TH - VUV_HYS)
X
Off
X
X
VOV > VOV_TH
Off
MAX15090
MAX15090A
IN
UV
OV
GND
1.23V
R1
R2
R3
CONTROL
LOGIC


Similar Part No. - MAX15090_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090AEVKIT MAXIM-MAX15090AEVKIT Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090B MAXIM-MAX15090B Datasheet
2Mb / 8P
   Fully Assembled and Tested
Rev 0; 1/16
MAX15090BEVKIT MAXIM-MAX15090BEVKIT Datasheet
2Mb / 8P
   Fully Assembled and Tested
Rev 0; 1/16
More results

Similar Description - MAX15090_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15091 MAXIM-MAX15091_V01 Datasheet
818Kb / 17P
   2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
MAX5976A MAXIM-MAX5976A Datasheet
1Mb / 9P
   2.7V to 18V, 7A, Hot-Swap Solution Power-Good and Fault Outputs
Rev 1; 4/11
MAX15091 MAXIM-MAX15091 Datasheet
867Kb / 15P
   Solution with Current Report Output
Rev 1; 9/13
MAX15095 MAXIM-MAX15095 Datasheet
751Kb / 14P
   2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
2019
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
logo
Maxim Integrated Produc...
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
   Hot Swap Controller with Multifunction Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com