Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15090A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15090A
Description  2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15090A Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15090A Datasheet HTML 3Page - Maxim Integrated Products MAX15090A Datasheet HTML 4Page - Maxim Integrated Products MAX15090A Datasheet HTML 5Page - Maxim Integrated Products MAX15090A Datasheet HTML 6Page - Maxim Integrated Products MAX15090A Datasheet HTML 7Page - Maxim Integrated Products MAX15090A Datasheet HTML 8Page - Maxim Integrated Products MAX15090A Datasheet HTML 9Page - Maxim Integrated Products MAX15090A Datasheet HTML 10Page - Maxim Integrated Products MAX15090A Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Maxim Integrated
MAX15090/MAX15090A
2.7V to 18V, 12A, Hot-Swap Solution
with Current Report Output
Bump Description
Bump Configuration
BUMP
NAME
FUNCTION
A1
ISENSE
Current-Sense Output. The ISENSE output sources a current that is proportional to the output current.
Connect a resistor between ISENSE and GND to produce a scaled voltage.
A2
VCC
Power-Supply Input. Connect VCC to a voltage between 2.7V and 18V. Connect a Schottky diode (or 6ω
resistor) from IN to VCC and a 1FF bypass capacitor to GND to guarantee full operation in the event VIN
collapses during a strong short from OUT to GND.
A3, A5, B3,
B5, C3,
C5, D5
IN
Supply Voltage Input. IN is connected to the drain of the internal 6mω MOSFET. Bypass IN with a
transient voltage-suppressor diode to GND for clamping inductive kick transients in the case of fast
output short-circuit to GND.
A4, B4, B6,
C4, C6,
D4, D6
OUT
Load Output. Source of the internal power MOSFET.
TOP VIEW
(BUMPS SIDE DOWN)
1234567
B
A
C
D
WLP
(2.07mm x 3.53mm)
MAX15090
MAX15090A
VCC
GND
GND
UV
OUT
OUT
OUT
OUT
ISENSE
CB
GND
REG
IN
IN
IN
IN
GATE
OUT
OUT
OUT
CDLY
PG
IN
IN
IN
OV
FAULT
EN
+


Similar Part No. - MAX15090A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090AEVKIT MAXIM-MAX15090AEVKIT Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
More results

Similar Description - MAX15090A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15091 MAXIM-MAX15091_V01 Datasheet
818Kb / 17P
   2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
MAX5976A MAXIM-MAX5976A Datasheet
1Mb / 9P
   2.7V to 18V, 7A, Hot-Swap Solution Power-Good and Fault Outputs
Rev 1; 4/11
MAX15091 MAXIM-MAX15091 Datasheet
867Kb / 15P
   Solution with Current Report Output
Rev 1; 9/13
MAX15095 MAXIM-MAX15095 Datasheet
751Kb / 14P
   2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
2019
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
logo
Maxim Integrated Produc...
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
   Hot Swap Controller with Multifunction Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com