Electronic Components Datasheet Search |
|
MAX15090A Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX15090A Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 15 page 9 Maxim Integrated MAX15090/MAX15090A 2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output Startup Once the device output is enabled, the device provides controlled application of power to the load. The voltage at OUT begins to rise at approximately 10V/ms default until the programmed circuit-breaker current level is reached, while the devices actively limit the inrush current at the circuit-breaker setting. An external capacitor connected to the GATE pin allows the user to program the slew rate to a value lower than the default. The inrush current can be programmed by selecting the appropriate value of RCB. During startup, a foldback current limit is active to protect the internal MOSFET to operate within the SOA (Figure 2). An internal 50ms timer starts counting when the devices enter the startup phase. The devices complete the start- up phase and enter normal operation mode if the voltage at OUT rises above the precharge threshold (0.9 x VIN) and (VGATE - VOUT) > 3V. An open-drain power-good output (PG) goes high-impedance 16ms after the startup successfully completes. The thermal-protection circuit is always active and the internal MOSFET immediately turned off when the thermal-shutdown threshold condition is reached. VariableSpeed/BiLevel Fault Protection VariableSpeed/BiLevel fault protection incorporates com- parators with different thresholds and response times to monitor the load current (Figure 3). Protection is provided in normal operation (after the startup period has expired) by discharging the MOSFET gate in response to a fault condition. During a fault condition, the MAX15090A enters autoretry mode, while the MAX15090 latches off (see the Autoretry and Latch-Off Fault Management section). Enable Input (EN) After a startup phase is successfully completed and the power-good output asserted, the EN input has to be pulled low (for at least 1ms) before the tDLY delay elapses. If the EN input is not pulled low before the tDLY elapses, then the devices turn off the internal MOSFET immediately and a new cycle is required for entering power-up mode. Connect a capacitor between CDLY and GND to set a 1s/FF duration timeout delay. If this function in is not implemented, connect EN to GND for proper operation. Table 1. Output Enable Truth Table X = Don’t care. VUV_TH and VOV_TH = 1.23V (typ). Figure 1. Undervoltage/Overvoltage-Threshold Setting POWER SUPPLY PRECISION ANALOG INPUTS OUT VCC UV OV VCC > VUVLO VUV > VUV_TH VOV < VOV_TH On VCC < VUVLO X X Off X VUV < (VUV_TH - VUV_HYS) X Off X X VOV > VOV_TH Off MAX15090 MAX15090A IN UV OV GND 1.23V R1 R2 R3 CONTROL LOGIC |
Similar Part No. - MAX15090A |
|
Similar Description - MAX15090A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |