Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7305YR Datasheet(PDF) 3 Page - Analog Devices

Part # AD7305YR
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7305YR Datasheet(HTML) 3 Page - Analog Devices

  AD7305YR Datasheet HTML 1Page - Analog Devices AD7305YR Datasheet HTML 2Page - Analog Devices AD7305YR Datasheet HTML 3Page - Analog Devices AD7305YR Datasheet HTML 4Page - Analog Devices AD7305YR Datasheet HTML 5Page - Analog Devices AD7305YR Datasheet HTML 6Page - Analog Devices AD7305YR Datasheet HTML 7Page - Analog Devices AD7305YR Datasheet HTML 8Page - Analog Devices AD7305YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
–3–
AD7304/AD7305
REV. A
TIMING SPECIFICATIONS
(@ VDD = +3 V or +5 V, VSS = 0 V; or VDD = +5 V and VSS = –5 V, VSS
≤ VREF ≤ VDD, –40 C < TA <
+85 C/125 C, unless otherwise noted.)
Parameter
Symbol
3 V
10%
5 V
10%
5 V
10%
Units
INTERFACE TIMING SPECIFICATIONS
1, 2
AD7304 Only
Clock Width High
tCH
70
55
55
ns min
Clock Width Low
tCL
70
55
55
ns min
Data Setup
tDS
50
40
40
ns min
Data Hold
tDH
30
20
20
ns min
Load Pulsewidth
tLDW
70
60
60
ns min
Load Setup
tLD1
40
30
30
ns min
Load Hold
tLD2
40
30
30
ns min
Clear Pulsewidth
tCLWR
60
60
60
ns min
Select
tCSS
30
20
20
ns min
Deselect
tCSH
60
40
40
ns min
AD7305 Only
Data Setup
tDS
60
40
40
ns min
Data Hold
tDH
30
20
20
ns min
Address Setup
tAS
60
40
40
ns min
Address Hold
tAH
30
20
20
ns min
Write Width
tWR
60
50
50
ns min
Load Pulsewidth
tLDW
60
50
50
ns min
Load Setup
tLS
60
40
40
ns min
Load Hold
tLH
30
20
20
ns min
NOTES
1These parameters are guaranteed by design and not subject to production testing.
2All input control signals are specified with t
R = tF = 2 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
ABSOLUTE MAXIMUM RATINGS*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +8 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –8 V
VREFX to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
Logic Inputs to GND . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VOUTX to GND . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
IOUT Short Circuit to GND . . . . . . . . . . . . . . . . . . . . . 50 mA
Package Power Dissipation . . . . . . . . . . . . . . (TJ MAX–TA)/
θJA
Thermal Resistance
θJA
16-Lead Plastic DIP Package (N-16) . . . . . . . . . . 103
°C/W
16-Lead SOIC Package (R-16) . . . . . . . . . . . . . . . 73
°C/W
TSSOP-16 Package (RU-16) . . . . . . . . . . . . . . . . 180
°C/W
20-Lead Plastic DIP Package (N-20) . . . . . . . . . . 120
°C/W
20-Lead SOIC Package (R-20) . . . . . . . . . . . . . . . 74
°C/W
TSSOP-20 Package (RU-20) . . . . . . . . . . . . . . . . 155
°C/W
Maximum Junction Temperature (TJ MAX) . . . . . . . . . +150
°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature
N-16 and N-20 (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
R-16, R-20, RU-16, RU-20 (Vapor Phase, 60 secs) . . +215
°C
R-16, R-20, RU-16, RU-20 (Infrared, 15 secs) . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD7304BN
–40
°C/+85°C
16-Lead P-DIP
N-16
AD7304BR
–40
°C/+85°C
16-Lead SOIC
R-16
AD7304YR
–40
°C/+125°C
16-Lead SOIC
R-16
AD7304BRU
–40
°C/+85°C
TSSOP-16
RU-16
AD7305BN
–40
°C/+85°C
20-Lead P-DIP
N-20
AD7305BR
–40
°C/+85°C
20-Lead SOIC
R-20
AD7305YR
–40
°C/+125°C
20-Lead SOIC
R-20
AD7305BRU
–40
°C/+85°C
TSSOP-20
RU-20
The AD7304/AD7305 contains 2759 transistors. Die size: 103 mil
× 102 mil,
10,506 sq mil.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7304/AD7305 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD7305YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7305YR AD-AD7305YR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305YR AD-AD7305YR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305YR AD-AD7305YR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305YR-REEL AD-AD7305YR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305YR-REEL AD-AD7305YR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7305YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com