Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73322LARU Datasheet(PDF) 4 Page - Analog Devices

Part # AD73322LARU
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LARU Datasheet(HTML) 4 Page - Analog Devices

  AD73322LARU Datasheet HTML 1Page - Analog Devices AD73322LARU Datasheet HTML 2Page - Analog Devices AD73322LARU Datasheet HTML 3Page - Analog Devices AD73322LARU Datasheet HTML 4Page - Analog Devices AD73322LARU Datasheet HTML 5Page - Analog Devices AD73322LARU Datasheet HTML 6Page - Analog Devices AD73322LARU Datasheet HTML 7Page - Analog Devices AD73322LARU Datasheet HTML 8Page - Analog Devices AD73322LARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
REV. 0
AD73322L
–4–
A, Y Versions
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
VINH, Input High Voltage
DVDD – 0.8
DVDD
V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
–10
+10
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUT
VOH, Output High Voltage
DVDD – 0.4
DVDD
V
|IOUT|
≤ 100 µA
VOL, Output Low Voltage
0
0.4
V
|IOUT|
≤ 100 µA
Three-State Leakage Current
–10
+10
µA
POWER SUPPLIES
AVDD1, AVDD2
2.7
3.3
V
DVDD
2.7
3.3
V
IDD
10
See Table I
NOTES
1 Operating temperature range as follows: A Grade, T
MIN = – 40
°C, T
MAX = +85
°C; Y Grade, T
MIN = – 40
°C, T
MAX = +105
°C.
2 Test conditions: Input PGA set for 0 dB gain, Output PGA set for 6 dB gain, no load on analog outputs (unless otherwise noted).
3 At input to sigma-delta modulator of ADC.
4 Guaranteed by design.
5 Overall group delay will be affected by the sample rate and the external digital filtering.
6 The ADC’s input impedance is inversely proportional to DMCLK and is approximated by: (3.3
× 1011)/DMCLK.
7 Between VOUTP1 and VOUTN1 or between VOUTP2 and VOUTN2.
8 At VOUT output.
9 Frequency responses of ADC and DAC measured with input at audio reference level (the input level that produces an output level of –10 dBm0), with 38 dB pream-
plifier bypassed and input gain of 0 dB.
10 Test Conditions: no load on digital inputs, analog inputs ac-coupled to ground, no load on analog outputs.
Specifications subject to change without notice.
Table I. Current Summary (AVDD = DVDD = 3.3 V)
Analog
Digital
Total Current
Total Current
MCLK
Conditions
Current
Current
(Typ)
(Max)
SE
ON
Comments
ADCs On Only
3.4
6.3
9.7
12
1
YES
REFOUT Disabled
DACs On Only
8.8
6.5
15.3
20
1
YES
REFOUT Disabled
ADCs and DACs On
11.6
7.0
18.6
23
1
YES
REFOUT Disabled
ADCs and DACs
and Input Amps On
13.8
7.0
20.8
26
1
YES
REFOUT Disabled
ADCs and DACs
and AGT On
13.2
7.0
20.2
26
1
YES
REFOUT Disabled
All Sections On
17.2
7.0
24.2
31
1
YES
REFCAP On Only
0.65
0
0.67
1.25
0
NO
REFOUT Disabled
REFCAP and
REFOUT On Only
2.56
0
2.57
4.5
0
NO
All Sections Off
0
1.25
1.25
1.8
0
YES
MCLK Active Levels Equal to
0 V and DVDD
All Sections Off
0
µA
12.5
µA
12.7
µA
40
µA
0
NO
Digital Inputs Static and Equal
to 0 V or DVDD
The above values are in mA and are typical values unless otherwise noted.


Similar Part No. - AD73322LARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322LARU AD-AD73322LARU Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322LARU-REEL AD-AD73322LARU-REEL Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322LARUZ-REEL1 AD-AD73322LARUZ-REEL1 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322LARUZ1 AD-AD73322LARUZ1 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
More results

Similar Description - AD73322LARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com