Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73422BB-40 Datasheet(PDF) 5 Page - Analog Devices

Part # AD73422BB-40
Description  Dual Low Power CMOS Analog Front End with DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73422BB-40 Datasheet(HTML) 5 Page - Analog Devices

  AD73422BB-40 Datasheet HTML 1Page - Analog Devices AD73422BB-40 Datasheet HTML 2Page - Analog Devices AD73422BB-40 Datasheet HTML 3Page - Analog Devices AD73422BB-40 Datasheet HTML 4Page - Analog Devices AD73422BB-40 Datasheet HTML 5Page - Analog Devices AD73422BB-40 Datasheet HTML 6Page - Analog Devices AD73422BB-40 Datasheet HTML 7Page - Analog Devices AD73422BB-40 Datasheet HTML 8Page - Analog Devices AD73422BB-40 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
REV. 0
–5–
AD73422
POWER CONSUMPTION
Conditions
Typ
Max
SE
AMCLK On
Test Conditions
AFE SECTION
ADCs Only On
11.5
12
1
YES
REFOUT Disabled
DACs Only On
20
22
1
YES
REFOUT Disabled
ADCs and DACs On
24.5
27
1
YES
REFOUT Disabled
ADCs and DACs
and Input Amps On
30
34
1
YES
REFOUT Disabled
ADCs and DACs
and AGT On
29
32.5
1
YES
REFOUT Disabled
All Sections On
37
43.5
1
YES
REFCAP Only On
0.8
1.25
0
NO
REFOUT Disabled
REFCAP and
REFOUT Only On
3.5
4.75
0
NO
All AFE Sections Off
1.5
3.0
0
YES
AMCLK Active Levels Equal to 0 V and DVDD
All AFE Sections Off
10
µA
40
µA
0
NO
Digital Inputs Static and Equal to 0 V or DVDD
NOTES
The above values are in mA and are typical values unless otherwise noted.
Specifications subject to change without notice.
TIMING CHARACTERISTICS–AFE SECTION1
Parameter
Limit
Units
Description
Clock Signals
See Figure 1
t1
61
ns min
16.384 MHz AMCLK Period
t2
24.4
ns min
AMCLK Width High
t3
24.4
ns min
AMCLK Width Low
Serial Port
See Figures 3 and 4
t4
t1
ns min
SCLK Period (SCLK = AMCLK)
t5
0.4
× t1
ns min
SCLK Width High
t6
0.4
× t1
ns min
SCLK Width Low
t7
20
ns min
SDI/SDIFS Setup Before SCLK Low
t8
0
ns min
SDI/SDIFS Hold After SCLK Low
t9
10
ns max
SDOFS Delay from SCLK High
t10
10
ns min
SDOFS Hold After SCLK High
t11
10
ns min
SDO Hold After SCLK High
t12
10
ns max
SDO Delay from SCLK High
t13
30
ns max
SCLK Delay from AMCLK
NOTES
1For details of the DSP section timing, please refer to the ADSP-2185L data sheet and the ADSP-2100 Family User’s Manual, Third Edition.
Specifications subject to change without notice.


Similar Part No. - AD73422BB-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
More results

Similar Description - AD73422BB-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818ARMZ AD-AD7818ARMZ Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com