Electronic Components Datasheet Search |
|
AD737AQ Datasheet(PDF) 3 Page - Analog Devices |
|
AD737AQ Datasheet(HTML) 3 Page - Analog Devices |
3 / 8 page AD737J/A AD737K/B Model Conditions Min Typ Max Min Typ Max Units FREQUENCY RESPONSE Low Impedance Input (Pin 1) For 1% Additional Error Sine-Wave Input VIN = 1 mV rms 1 1 kHz VIN = 10 mV rms 6 6 kHz VIN = 100 mV rms 90 90 kHz VIN = 200 mV rms 90 90 kHz ± 3 dB Bandwidth Sine-Wave Input VIN = 1 mV rms 5 5 kHz VIN = 10 mV rms 55 55 kHz VIN = 100 mV rms 350 350 kHz VIN = 200 mV rms 460 460 kHz POWER SUPPLY Operating Voltage Range +2.8, –3.2 ± 5 ± 16.5 +2.8, –3.2 ± 5 ± 16.5 V Quiescent Current Zero Signal 120 160 120 160 µA VIN = 200 mV rms, No Load Sine-Wave Input 170 210 170 210 µA Power Down Mode Current Pin 3 Tied to +VS 25 40 25 40 µA TEMPERATURE RANGE Operating, Rated Performance Commercial (0 °C to +70°C) AD737J AD737K Industrial (–40 °C to +85°C) AD737A AD737B NOTES lAccuracy is specified with the AD737 connected as shown in Figure 16 with capacitor C C. 2Nonlinearity is defined as the maximum deviation (in percent error) from a straight line connecting the readings at 0 and 200 mV rms. 3Error vs. Crest Factor is specified as additional error for a 200 mV rms signal. C.F. = V PEAK /V rms. 4DC offset does not limit ac resolution. Specifications are subject to change without notice. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. ORDERING GUIDE Temperature Package Package Model Range Description Option AD737AQ –40 °C to +85°C Cerdip Q-8 AD737BQ –40 °C to +85°C Cerdip Q-8 AD737JN 0 °C to +70°C Plastic DIP N-8 AD737JR 0 °C to +70°C SOIC SO-8 AD737JR-REEL 0 °C to +70°C 13" Tape and Reel SO-8 AD737JR-REEL7 0 °C to +70°C 7" Tape and Reel SO-8 AD737KN 0 °C to +70°C Plastic DIP N-8 AD737KR 0 °C to +70°C SOIC SO-8 AD737KR-REEL 0 °C to +70°C 13" Tape and Reel SO-8 AD737KR-REEL7 0 °C to +70°C 7" Tape and Reel SO-8 PIN CONFIGURATIONS Plastic DIP (N-8), Cerdip (Q-8), SOIC (SO-8) FULL WAVE RECTIFIER INPUT AMPLIFIER RMS CORE COM +VS OUTPUT CAV –VS POWER DOWN VIN CC 8k AD737 BIAS SECTION 8k 8 7 6 5 1 2 3 4 ABSOLUTE MAXIMUM RATINGS 1 Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±16.5 V Internal Power Dissipation2 . . . . . . . . . . . . . . . . . . . . . 200 mW Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output Short-Circuit Duration . . . . . . . . . . . . . . . . . Indefinite Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS Storage Temperature Range (Q) . . . . . . –65 °C to +150°C Storage Temperature Range (N, R) . . . . . –65 °C to +125°C Operating Temperature Range AD737J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 °C to +70°C AD737A/B . . . . . . . . . . . . . . . . . . . . . . . . . . –40 °C to +85°C Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300 °C ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 V NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 28-Lead Plastic DIP Package: θ JA = 165 °C/W 8-Lead Cerdip Package: θ JA = 110 °C/W 8-Lead Small Outline Package: θ JA = 155 °C/W AD737 REV. C –3– |
Similar Part No. - AD737AQ |
|
Similar Description - AD737AQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |