Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7376AN10 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7376AN10
Description  -15 V Operation Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376AN10 Datasheet(HTML) 5 Page - Analog Devices

  AD7376AN10 Datasheet HTML 1Page - Analog Devices AD7376AN10 Datasheet HTML 2Page - Analog Devices AD7376AN10 Datasheet HTML 3Page - Analog Devices AD7376AN10 Datasheet HTML 4Page - Analog Devices AD7376AN10 Datasheet HTML 5Page - Analog Devices AD7376AN10 Datasheet HTML 6Page - Analog Devices AD7376AN10 Datasheet HTML 7Page - Analog Devices AD7376AN10 Datasheet HTML 8Page - Analog Devices AD7376AN10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7376
–5–
REV. 0
CODE – Decimal
0.25
–0.25
0
16
128
32
48
64
80
96
112
0.20
0.05
0
–0.10
–0.20
0.15
0.10
–0.05
–0.15
TA = –55 C
TA = +25 C
VDD = +15V
VSS = –15V
VA = +2.5V
VB = 0V
RAB = 50k
TA = +85 C
Figure 11. Potentiometer Divider
Nonlinearity Error vs. Code
FREQUENCY – Hz
1k
–18
–24
–36
–48
–6
–12
–30
–42
A
W
OP275
B
VSS = –15V
VAMPL = 50mVrms
VDD = +15V
CODE = 7FH
CODE = 40H
CODE = 20H
CODE = 10H
CODE = 08H
CODE = 04H
CODE = 02H
CODE = 01H
CODE = 00H
0
10k
100k
1M
RAB = 10k
Figure 14. 10 k
Ω Gain vs. Frequency
vs. Code
FREQUENCY – Hz
1k
10k
1M
100k
0
–54
–6
–12
–18
–24
–30
–36
–42
–48
B
A
OP275
01H
02H
04H
08H
10H
20H
CODE = 40H
CODE = 7FH
128kHz
AMP = 50mV
VDD = +15V
VSS = –15V
RL = 1M
RAB = 50k
Figure 17. 50 k
Ω Gain vs. Frequency
vs. Code
CODE – Decimal
0.25
–0.25
0
16
128
32
48
64
80
96
112
0.20
0.05
0
–0.10
–0.20
0.15
0.10
–0.05
–0.15
VDD = +15V
VSS = –15V
VA = +2.5V
VB = 0V
RAB = 50k
Figure 12. Potentiometer Divider
Differential Nonlinearity Error
vs. Code
FREQUENCY – Hz
100
–18
–24
–36
–48
–6
–12
–30
–42
A
B
W
OP275
VSS = –15V
VAMPL = 50mVrms
VDD = +15V
CODE = 7FH
CODE = 40H
CODE = 20H
CODE = 10H
CODE = 08H
CODE = 04H
CODE = 02H
CODE = 01H
0
1k
10k
RAB = 1M
100k
RAB = 1M
Figure 15. 1 M
Ω Gain vs. Frequency
vs. Code
0
5
12
0
27.08 s
A2
1.6 V
DLY
5V
5V
HO2 s
B
Lw
VDD = +15V
VSS = –15V
2 S/DIV
CODE = 3FH
VA = 12V
VB = 0V
f = 1 MHz
Figure 18. Large Signal Settling Time
CODE – Decimal
40
–10
0
16
128
32
48
64
80
96
112
35
20
15
5
–5
30
25
10
0
VDD = +15V
VSS = –15V
RAB = 50k
Figure 13.
∆R
WB/∆T Rheostat Mode
Tempco
259.8 s
50m
HO5 s
B
Lw
VDD = +15V
VSS = —15V
5 S/DIV
CODE = 3FH
40H
3FH
VA = 2.5V
VB = 0V
f = 100 kHz
Figure 16. Midscale Transition Glitch
FREQUENCY – Hz
10
1.0
100
1k
10k
200k
0.001
0.010
0.0005
0.1
VDD = +15V
VSS = –15V
VA = 10V p–p
CODE = 40H
RAB = 50k
NON-INVERTING
MODE TEST
CKT FIG 35
NON-INVERTING
MODE TEST
CKT FIG 36
Figure 19. Total Harmonic Distortion
Plus Noise vs. Frequency


Similar Part No. - AD7376AN10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376ARUZ10 AD-AD7376ARUZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ10-R7 AD-AD7376ARUZ10-R7 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ100 AD-AD7376ARUZ100 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ100-R7 AD-AD7376ARUZ100-R7 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ50 AD-AD7376ARUZ50 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
More results

Similar Description - AD7376AN10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com