Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7393 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7393
Description  3 V, Parallel Input Micropower 10- and 12-Bit DACs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7393 Datasheet(HTML) 5 Page - Analog Devices

  AD7393 Datasheet HTML 1Page - Analog Devices AD7393 Datasheet HTML 2Page - Analog Devices AD7393 Datasheet HTML 3Page - Analog Devices AD7393 Datasheet HTML 4Page - Analog Devices AD7393 Datasheet HTML 5Page - Analog Devices AD7393 Datasheet HTML 6Page - Analog Devices AD7393 Datasheet HTML 7Page - Analog Devices AD7393 Datasheet HTML 8Page - Analog Devices AD7393 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AD7392/AD7393
–5–
REV. A
Typical Performance Characteristics–
CODE – Decimal
1
–1
0.4
–0.8
0.8
0.6
0.2
–0.4
0
–0.2
–0.6
0
512 1024
4096
1536 2048 2560 3072 3584
VDD = 2.7V
VREF = 2.5V
TA = 25 C
AD7392
Figure 5. AD7392 Integral Nonlinear-
ity Error vs. Code
AD7393
SS = 300 UNITS
TA = 25 C
VDD = 2.7V
VREF = 2.5V
TOTAL UNADJUSTED ERROR – LSB
100
0
–10
40
20
80
60
–3.3 3.3 10
16 23
30
36
43
50
90
70
50
30
10
Figure 8. AD7393 Total Unadjusted
Error Histogram
VIN – Volts
0.0
0.5
3.0
1.0
1.5
2.0
2.5
100
95
50
70
65
60
55
90
75
80
85
VLOGIC FROM
3.0V TO 0V
VLOGIC FROM
0V TO 3.0V
AD7392
TA = 25 C
VDD = 3.0V
Figure 11. Supply Current vs. Logic
Input Voltage
CODE – Decimal
1
–1
0.4
–0.8
0.8
0.6
0.2
–0.4
0
–0.2
–0.6
0
128
256
1024
384
512
640
768
896
VDD = 2.7V
VREF = 2.5V
TA = 25 C
AD7393
Figure 6. AD7393 Integral Nonlinear-
ity Error vs. Code
FULL SCALE TEMPCO – ppm/ C
0
–66
12
6
24
18
–60 –52 –46 –40 –32 –26 –20 –12 –6
30
0
AD7393
SS = 100 UNITS
TA = 40 to 85 C
VDD = 2.7V
VREF = 2.5V
Figure 9. AD7393 Full-Scale Output
Tempco Histogram
SUPPLY VOLTAGE – V
12
7
34
56
5.0
4.5
0.0
2.0
1.5
1.0
0.5
4.0
2.5
3.0
3.5
VLOGIC FROM
HIGH TO LOW
VLOGIC FROM
LOW TO HIGH
AD7392
CODE = FFFH
VREF = 2V
RS LOGIC VOLTAGE
VARIED
Figure 12. Logic Threshold vs.
Supply Voltage
TOTAL UNADJUSTED ERROR – LSB
25
0
5.0
10
5
20
15
5.8 6.6 7.3 8.1 8.9 9.7 10.5 11.2 12.0
AD7392
SS = 100 UNITS
TA = 25 C
VDD = 2.7V
VREF = 2.5V
Figure 7. AD7392 Total Unadjusted
Error Histogram
FREQUENCY – Hz
10
8
0
1
10
100k
100
1k
10k
6
4
2
12
14
16
AD7392
VDD = 5V
VREF = 2.5V
TA = 25 C
Figure 10. Voltage Noise Density vs.
Frequency
TEMPERATURE – C
100
20
55
35
125
15
5
25
65
85 105
45
90
60
50
40
30
80
70
AD7392
SAMPLE SIZE = 300 UNITS
VDD = 5.0V, VLOGIC = 0V
VDD = 3.0V, VLOGIC = 0V
VDD = 3.6V, VLOGIC = 2.4V
Figure 13. Supply Current vs.
Temperature


Similar Part No. - AD7393

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7393AN AD-AD7393AN Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393AR AD-AD7393AR Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393ARZ AD-AD7393ARZ Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
More results

Similar Description - AD7393

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com