Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7390AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD7390AR
Description  3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7390AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7390AR Datasheet HTML 4Page - Analog Devices AD7390AR Datasheet HTML 5Page - Analog Devices AD7390AR Datasheet HTML 6Page - Analog Devices AD7390AR Datasheet HTML 7Page - Analog Devices AD7390AR Datasheet HTML 8Page - Analog Devices AD7390AR Datasheet HTML 9Page - Analog Devices AD7390AR Datasheet HTML 10Page - Analog Devices AD7390AR Datasheet HTML 11Page - Analog Devices AD7390AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7390/AD7391
REV. 0
–10–
RESET (CLR) PIN
Forcing the CLR pin low will set the DAC register to all zeros
and the DAC output voltage will be zero volts. The reset func-
tion is useful for setting the DAC outputs to zero at power-up or
after a power supply interruption. Test systems and motor con-
trollers are two of many applications which benefit from power-
ing up to a known state. The external reset pulse can be
generated by the microprocessor’s power-on RESET signal, by
an output from the microprocessor, or by an external resistor
and capacitor. CLR has a Schmitt trigger input which results in
a clean reset function when using external resistor/capacitor
generated pulses. The CLR input overrides other logic inputs,
specifically LD. However, LD should be set high before CLR
goes high. If CLR is kept low, then the contents of the shift reg-
ister will be transferred to the DAC register as soon as CLR re-
turns high. See the Control-Logic Truth Table I.
UNIPOLAR OUTPUT OPERATION
This is the basic mode of operation for the AD7390. As shown
in Figure 26, the AD7390 has been designed to drive loads as
low as 5 k
Ω in parallel with 100 pF. The code table for this op-
eration is shown in Table IV.
+2.7V to +5.5V
0.1
µF
VOUT
CLR
SDI
CLK
LD
3
2
1
4
GND
REF
VDD
AD7390
7
6
5
10
µF
µC
RS
RL
≥ 5kΩ
CL
≤ 100pF
EXT
REF
0.01
µF
R
Figure 26. AD7390 Unipolar Output Operation
Table IV. AD7390 Unipolar Code Table
Hexadecimal
Decimal
Output
Number
Number
Voltage (V)
in DAC Register
in DAC Register
VREF = 2.5 V
FFF
4095
2.4994
801
2049
1.2506
800
2048
1.2500
7FF
2047
1.2494
000
0
0
The circuit can be configured with an external reference plus
power supply, or powered from a single dedicated regulator or ref-
erence depending on the application performance requirements.
BIPOLAR OUTPUT OPERATION
Although the AD7391 has been designed for single-supply op-
eration, the output can be easily configured for bipolar opera-
tion. A typical circuit is shown in Figure 27. This circuit uses a
clean regulated
5 V supply for power, which also provides the
circuit’s reference voltage. Since the AD7391 output span
swings from ground to very near
5 V, it is necessary to choose
an external amplifier with a common-mode input voltage range
that extends to its positive supply rail. The micropower con-
sumption OP196 has been designed just for this purpose and re-
sults in only 50 microamps of maximum current consumption.
Connection of the equal valued 470 k
Ω resistors results in a dif-
ferential amplifier mode of operation with a voltage gain of two,
which results in a circuit output span of ten volts, that is,
5 V
to
5 V. As the DAC is programmed with zero-code 000H to
midscale 200H to full-scale 3FFH, the circuit output voltage VO
is set at
5 V, 0 V and
5 V (minus 1 LSB). The output volt-
age VO is coded in offset binary according to Equation 4.
Equation 4
VO =
5
1
512
D
where D is the decimal code loaded in the AD7391 DAC regis-
ter. Note that the LSB step size is 10/1024 = 10 mV. This cir-
cuit has been optimized for micropower consumption including
the 470 k
Ω gain setting resistors, which should have low tem-
perature coefficients to maintain accuracy and matching (prefer-
ably the same material, such as metal film). If better stability is
required the power supply could be substituted with a precision
reference voltage such as the low dropout REF195, which can
easily supply the circuit’s 162
µA of current, and still provide
additional power for the load connected to VO. The micropower
REF195 is guaranteed to source 10 mA output drive current,
but only consumes 50
µA internally. If higher resolution is re-
quired, the AD7390 can be used with the addition of two more
bits of data inserted into the software coding, which would re-
sult in a 2.5 mV LSB step size. Table V shows examples of
nominal output voltages VO provided by the Bipolar Operation
circuit application.
DIGITAL INTERFACE CIRCUITRY OMITTED FOR CLARITY
OP196
BIPOLAR
OUTPUT
SWING
5V
5V
VO
< 50
µA
5V
AD7391
VOUT
GND
REF
VDD
C
470k
470k
5V
< 100
µA
ISY < 162µA
Figure 27. Bipolar Output Operation
Table V. Bipolar Code Table
Hexadecimal
Decimal
Analog
Number
Number
Output
In DAC Register
in DAC Register
Voltage (V)
3FF
1023
4.9902
201
513
0.0097
200
512
0.0000
1FF
511
-0.0097
000
0
-5.0000


Similar Part No. - AD7390AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7390AR AD-AD7390AR Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AR AD-AD7390AR Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AR-REEL7 AD-AD7390AR-REEL7 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AR-REEL7 AD-AD7390AR-REEL7 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results

Similar Description - AD7390AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com