Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7395 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7395
Description  3 V, Dual, Serial Input 12-/10-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7395 Datasheet(HTML) 5 Page - Analog Devices

  AD7395 Datasheet HTML 1Page - Analog Devices AD7395 Datasheet HTML 2Page - Analog Devices AD7395 Datasheet HTML 3Page - Analog Devices AD7395 Datasheet HTML 4Page - Analog Devices AD7395 Datasheet HTML 5Page - Analog Devices AD7395 Datasheet HTML 6Page - Analog Devices AD7395 Datasheet HTML 7Page - Analog Devices AD7395 Datasheet HTML 8Page - Analog Devices AD7395 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7394/AD7395
–5–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7394/AD7395 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
Logic Inputs to GND . . . . . . . . . . . . . . . . . . . . . –0.3 V, +8 V
VOUT to GND . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
IOUT Short Circuit to GND . . . . . . . . . . . . . . . . . . . . . 50 mA
Package Power Dissipation . . . . . . . . . . . . . (TJ max – TA)/
θ
JA
Thermal Resistance
θ
JA
14-Lead Plastic DIP Package (N-14) . . . . . . . . . . 103
°C/W
14-Lead SOIC Package (R-14) . . . . . . . . . . . . . . . 158
°C/W
14-Lead Thin Shrink Surface Mount (RU-14) . . . 180
°C/W
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150
°C
ORDERING GUIDE
Res
Temperature
Package
Package
Model
(LSB)
Range
Description
Options
AD7394AN
12
–40
°C to +85°C
14-Lead P-DIP
N-14
AD7394AR
12
–40
°C to +85°C
14-Lead SOIC
R-14
AD7395AN
10
–40
°C to +125°C
14-Lead P-DIP
N-14
AD7395AR
10
–40
°C to +125°C
14-Lead SOIC
R-14
AD7395ARU
10
–40
°C to +85°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
The AD7394/AD7395 contains 709 transistors. The die size measures 70 mil
× 99 mil.
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
AD7395AR and AD7395AN Only . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature
N-14 (Soldering, 10 sec) . . . . . . . . . . . . . . . . . . . . . . +300
°C
R-14 (Vapor Phase, 60 sec) . . . . . . . . . . . . . . . . . . . . +215
°C
RU-14 (Infrared, 15 sec) . . . . . . . . . . . . . . . . . . . . . . +224
°C
*Stresses above those listed under Absolute Maximum Ratings
may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table II. AD7394 Serial Input Register Data Format, Data Is Loaded in MSB-First Format
MSB
LSB
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
AD7394
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table III. AD7395 Serial Input Register Data Format, Data Is Loaded in MSB-First Format
MSB
LSB
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
AD7395
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0


Similar Part No. - AD7395

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7390 AD-AD7390 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AN AD-AD7390AN Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7390AN AD-AD7390AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results

Similar Description - AD7395

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396 Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com