Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7395 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7395
Description  3 V, Dual, Serial Input 12-/10-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7395 Datasheet(HTML) 4 Page - Analog Devices

  AD7395 Datasheet HTML 1Page - Analog Devices AD7395 Datasheet HTML 2Page - Analog Devices AD7395 Datasheet HTML 3Page - Analog Devices AD7395 Datasheet HTML 4Page - Analog Devices AD7395 Datasheet HTML 5Page - Analog Devices AD7395 Datasheet HTML 6Page - Analog Devices AD7395 Datasheet HTML 7Page - Analog Devices AD7395 Datasheet HTML 8Page - Analog Devices AD7395 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7394/AD7395
–4–
REV. 0
Table I. Control Logic Truth Table
CS CLK
RS
MSB
SHDN
LDA/B
Serial Shift Register Function
DAC Register Function
H
X
H
X
H
H
No Effect
Latched
L
L
H
X
H
H
No Effect
Latched
L
H
H
X
H
H
No Effect
Latched
L
↑+
H
X
H
H
Shift-Register-Data Advanced One Bit Latched
L
↑+
H
X
H
L
Shift-Register-Data Advanced One Bit Transparent
L
H
H
X
H
L
No Effect
Transparent
↑+ L
H
X
H
H
No Effect
Latched
HX
H
X
H
↓–
No Effect
Updated with Current Shift Register
Contents
H
X
H
X
H
L
No Effect
Transparent
X
X
L
H
H
X
No Effect
Loaded with 800H
XX
↑+
H
H
H
No Effect
Latched with 800H
X
X
L
L
H
X
No Effect
Loaded with All Zeros
XX
↑+
L
H
H
No Effect
Latched All Zeros
X
X
X
X
L
X
No Effect
No Affect
NOTES
1.
↑+ positive logic transition; ↓– negative logic transition; X Don’t Care
2. Do not clock in serial data while level sensitive inputs
LDA or LDB are logic LOW.
tLD1
tCSH
1 LSB
ERROR BAND
tCLRW
tS
tS
tLDW
tCH
tCL
tCSS
tLD2
tDS
tDH
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
SDI
CLK
CS
LDA,B
SDI
CLK
FS
VOUT
ZS
LDA,B
RS
Figure 2. Timing Diagram
tSDR
IDD
SHDN
Figure 3. Timing Diagram


Similar Part No. - AD7395

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7390 AD-AD7390 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AN AD-AD7390AN Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7390AN AD-AD7390AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results

Similar Description - AD7395

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396 Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com