Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7393AN Datasheet(PDF) 6 Page - Analog Devices

Part # AD7393AN
Description  3 V, Parallel Input Micropower 10- and 12-Bit DACs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7393AN Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7393AN Datasheet HTML 2Page - Analog Devices AD7393AN Datasheet HTML 3Page - Analog Devices AD7393AN Datasheet HTML 4Page - Analog Devices AD7393AN Datasheet HTML 5Page - Analog Devices AD7393AN Datasheet HTML 6Page - Analog Devices AD7393AN Datasheet HTML 7Page - Analog Devices AD7393AN Datasheet HTML 8Page - Analog Devices AD7393AN Datasheet HTML 9Page - Analog Devices AD7393AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD7392/AD7393
–6–
REV. A
CLOCK FREQUENCY – Hz
1000
800
0
1k
10k
10M
100k
1M
600
400
200
a. VDD = 5.5V, CODE = 155H
b. VDD = 5.5V, CODE = 3FFH
c. VDD = 2.7V, CODE = 155H
d
. VDD = 2.7V, CODE = 355H
a
b
c
d
AD7393
VLOGIC = 0V TO VDD TO 0V
VREF = 2.5V
TA = 25 C
Figure 14. Supply Current vs. Clock
Frequency
TIME – 2 s/DIV
Figure 17. Midscale Transition
Performance
FREQUENCY – Hz
5
0
30
10
100
100k
1k
10k
5
15
25
20
10
VDD = +5V
VREF = +100mV + 2VDC
DATA = FFFH
Figure 20. Reference Multiplying
Bandwidth
FREQUENCY – Hz
60
50
0
10
100
10k
1k
30
20
10
40
VDD = 3V
5%
VDD = 5V
5%
TA = 25 C
Figure 15. Power Supply Rejection
vs. Frequency
TIME – 5 s/DIV
Figure 18. Digital Feedthrough
REFERENCE VOLTAGE – V
05
13
24
2.0
1.8
0.0
0.8
0.6
0.4
0.2
1.6
1.0
1.2
1.4
AD7392
VDD = +5V
CODE = 768H
TA = 25 C
Figure 21. INL Error vs. Reference
Voltage
VOUT – V
40
30
0
01
5
23
4
20
10
VDD = +5V
VREF = +3V
CODE = ØØØH
Figure 16. IOUT at Zero Scale vs. VOUT
TIME – 100 s/DIV
Figure 19. Large Signal Settling Time
HOURS OF OPERATION AT 150 C
1.2
0.0
0
100
600
200
300
400
500
1.0
0.8
0.6
0.4
0.2
AD7392
SAMPLE SIZE = 50
CODE = FFFH
CODE = 000H
Figure 22. Long-Term Drift
Accelerated by Burn-in


Similar Part No. - AD7393AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7393AN AD-AD7393AN Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
More results

Similar Description - AD7393AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com