Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7399 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7399
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7399 Datasheet(HTML) 5 Page - Analog Devices

  AD7399 Datasheet HTML 1Page - Analog Devices AD7399 Datasheet HTML 2Page - Analog Devices AD7399 Datasheet HTML 3Page - Analog Devices AD7399 Datasheet HTML 4Page - Analog Devices AD7399 Datasheet HTML 5Page - Analog Devices AD7399 Datasheet HTML 6Page - Analog Devices AD7399 Datasheet HTML 7Page - Analog Devices AD7399 Datasheet HTML 8Page - Analog Devices AD7399 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
AD7398/AD7399
–5–
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
AD7398/
AD7399
CLK
GND
VDD
CS
SDI
VOUTA
VOUTBVOUTC
VOUTD
VREFA
VREFB
VREFC
VREFD
LDAC
RS
VSS
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1VOUTB
DAC B Voltage Output.
2VOUTA
DAC A Voltage Output.
3VSS
Negative Power Supply Input. Specified range of operation 0 V to –5.5 V.
4VREFA
DAC A Reference Voltage Input Terminal. Establishes DAC A full-scale output voltage. Pin can
be tied to VDD or VSS pin.
5VREFB
DAC B Reference Voltage Input Terminal. Establishes DAC B full-scale output voltage. Pin can
be tied to VDD or VSS pin.
6
GND
Ground Pin.
7
LDAC
Load DAC Register Strobe, Level Sensitive Active Low. Transfers all Input Register data to
DAC registers. Asynchronous active low input. See Control Logic Truth Table for operation.
8
RS
Resets Input and DAC Registers to All Zero Codes. Shift Register contents unchanged.
9
CS
Chip Select, Active Low Input. Disables shift register loading when high. Transfers Serial Regis-
ter Data to the Input Register when
CS returns High. Does not effect LDAC operation.
10
CLK
Schmitt Triggered Clock Input, Positive Edge Clocks Data into Shift Register.
11
SDI
Serial Data Input. Input data loads directly into the shift register.
12
VREFD
DAC D Reference Voltage Input Terminal. Establishes DAC D full-scale output voltage. Pin can
be tied to VDD or VSS pin.
13
VREFC
DAC C Reference Voltage Input Terminal. Establishes DAC C full-scale output voltage. Pin can
be tied to VDD or VSS pin.
14
VDD
Positive Power Supply Input. Specified range of operation 3 V to 5 V
± 10%.
15
VOUTD
DAC D Voltage Output.
16
VOUTC
DAC C Voltage Output.


Similar Part No. - AD7399

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7399BR AD-AD7399BR Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399BR-REEL AD-AD7399BR-REEL Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399BRU AD-AD7399BRU Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399BRU-REEL7 AD-AD7399BRU-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399BRUZ AD-AD7399BRUZ Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results

Similar Description - AD7399

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com