Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K10103TD Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # K10103TD
Description  High Reliability Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10103TD Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  K10103TD Datasheet HTML 1Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 2Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 3Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 4Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 5Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/10/2013
NO.62P00056
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010 3T
SHEET 2 OF 6
REV.
2
1.
OUTSIDE DIMENSION : UNIT (mm)
cosmo
1010
817
XXX
T
6.50
7.62
0.25
4.60
1.20
0.50
2.54
10.16±0.50
TOLERANCE : ±0.2mm
2. SCHEMATIC : TOP VIEW
1. Anode
2. Cathode
3. Emitter
4. Collector
2
1
3
4


Similar Part No. - K10103TD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K10103T COSMO-K10103T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
K10103TATLD COSMO-K10103TATLD Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10103TATRU COSMO-K10103TATRU Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10103TETLD COSMO-K10103TETLD Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10103TETRU COSMO-K10103TETRU Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results

Similar Description - K10103TD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
   High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
   High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
   High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
   High Reliability Photocoupler
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
   High Reliability Photocoupler
KPC815S COSMO-KPC815S Datasheet
139Kb / 6P
   High Reliability Photocoupler
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
   High Reliability Photocoupler
KP2210L COSMO-KP2210L Datasheet
121Kb / 6P
   High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com