Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD741JN Datasheet(PDF) 4 Page - Analog Devices

Part # AD741JN
Description  Low Cost, High Accuracy IC Op Amps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD741JN Datasheet(HTML) 4 Page - Analog Devices

  AD741JN Datasheet HTML 1Page - Analog Devices AD741JN Datasheet HTML 2Page - Analog Devices AD741JN Datasheet HTML 3Page - Analog Devices AD741JN Datasheet HTML 4Page - Analog Devices AD741JN Datasheet HTML 5Page - Analog Devices AD741JN Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD741 Series
–4–
REV. A
ABSOLUTE MAXIMUM RATINGS
AD741, J,
Absolute Maximum Ratings
K, L, S
AD741C
Supply Voltage
±22 V
±18 V
Internal Power Dissipation
500 mW
1
500 mW
Differential Input Voltage
±30 V
±30 V
Input Voltage
±15 V
±15 V
Storage Temperature Range
–65
°C
–65
°C
to +150
°C
to +150
°C
Lead Temperature
(Soldering, 60 sec)
+300
°C
+300
°C
Output Short Circuit Duration
Indefinite
2
Indefinite
NOTES
1Rating applies for case temperature to +125
°C. Derate TO-99 linearity at
6.5 mW/
°C for ambient temperatures above +70°C.
2Rating applies for shorts to ground or either supply at case temperatures to
+125
°C or ambient temperatures to +75°C.
ORDERING GUIDE
Temperature
Initial Off
Package
Package
Model
1
Range
Set Voltage Description Option
AD741CN 0
°C to +70°C
6.0 mV
Mini-DIP
(N-8)
AD741CH 0
°C to +70°C
6.0 mV
TO-99
(H-08A)
AD741JN
0
°C to +70°C
3.0 mV
Mini-DIP
(N-8)
AD741JH
0
°C to +70°C
3.0 mV
TO-99
(H-08A)
AD741KN 0
°C to +70°C
2.0 mV
Mini-DIP
(N-8)
AD741KH 0
°C to +70°C
2.0 mV
TO-99
(H-08A)
AD741LN 0
°C to +70°C
0.5 mV
Mini-DIP
(N-8)
AD741LH 0
°C to +70°C
0.5 mV
TO-99
(H-08A)
AD741H
–55
°C to +125°C 5.0 mV
TO-99
(H-08A)
AD741SH –55
°C to +125°C 2.0 mV
TO-99
(H-08A)
NOTE
1J, K and S grade chips also available.
METALIZATION PHOTOGRAPH
All versions of the AD741 are available in chip form.
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-99 (H)
Mini DIP (N)


Similar Part No. - AD741JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRU AD-AD74111YRU Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results

Similar Description - AD741JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD741 AD-AD741_15 Datasheet
184Kb / 6P
   LOW COST, HIGH ACCURACY IC OP AMPS
REV. A
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
Analog Devices
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
logo
3PEAK INC.
TP2411 3PEAK-TP2411 Datasheet
1Mb / 17P
   Low Cost, Low Noise CMOS RRIO Op-amps
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com