Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT10B60D Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOT10B60D
Description  600V, 10A Alpha IGBT with Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT10B60D Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOT10B60D Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT10B60D Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT10B60D Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT10B60D Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT10B60D Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT10B60D Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT10B60D Datasheet HTML 7Page - Alpha & Omega Semiconductors AOT10B60D Datasheet HTML 8Page - Alpha & Omega Semiconductors AOT10B60D Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AOT10B60D
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
1
10
100
10
100
1,000
V
CE (V)
Fig 10: Reverse Bias SOA
0
3
6
9
12
15
0
4
8
12
16
20
Q
g(nC)
Fig 7: Gate-Charge Characteristics
V
CE=480V
I
C=10A
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
CE(V)
Fig 8: Capacitance Characteristic
C
ies
C
res
C
oes
1
10
100
10
100
1,000
V
CE (V)
Fig 10: Reverse Bias SOA
(T
j=175°C,V GE=15V)
0
3
6
9
12
15
0
4
8
12
16
20
Q
g(nC)
Fig 7: Gate-Charge Characteristics
V
CE=480V
I
C=10A
0
30
60
90
120
150
180
25
50
75
100
125
150
175
T
CASE(°C)
Fig 11: Power Disspation as a Function of Case
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
CE(V)
Fig 8: Capacitance Characteristic
C
ies
C
res
C
oes
0
4
8
12
16
20
25
50
75
100
125
150
175
T
CASE(°C)
Fig 12: Current De-rating
Rev1: Nov 2012
www.aosmd.com
Page 4 of 9


Similar Part No. - AOT10B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT10B65M2 AOSMD-AOT10B65M2 Datasheet
529Kb / 9P
   High short-circuit ruggedness
AOT10B65MQ2 AOSMD-AOT10B65MQ2 Datasheet
546Kb / 8P
   650V, 10A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 December 2019
More results

Similar Description - AOT10B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB10B60D AOSMD-AOB10B60D Datasheet
593Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOK10B60D AOSMD-AOK10B60D Datasheet
651Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOTF10B60D2 AOSMD-AOTF10B60D2 Datasheet
727Kb / 9P
   600V, 10A Alpha IGBT TM with Diode
AOB5B60D AOSMD-AOB5B60D Datasheet
598Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOB15B60D AOSMD-AOB15B60D Datasheet
606Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOK15B60D AOSMD-AOK15B60D Datasheet
663Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOD5B60D AOSMD-AOD5B60D Datasheet
686Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOTF15B60D AOSMD-AOTF15B60D Datasheet
664Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOTF5B60D AOSMD-AOTF5B60D Datasheet
659Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOT5B60D AOSMD-AOT5B60D Datasheet
643Kb / 9P
   600V, 5A Alpha IGBT with Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com