Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD743KR-16 Datasheet(PDF) 5 Page - Analog Devices

Part # AD743KR-16
Description  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD743KR-16 Datasheet(HTML) 5 Page - Analog Devices

  AD743KR-16 Datasheet HTML 1Page - Analog Devices AD743KR-16 Datasheet HTML 2Page - Analog Devices AD743KR-16 Datasheet HTML 3Page - Analog Devices AD743KR-16 Datasheet HTML 4Page - Analog Devices AD743KR-16 Datasheet HTML 5Page - Analog Devices AD743KR-16 Datasheet HTML 6Page - Analog Devices AD743KR-16 Datasheet HTML 7Page - Analog Devices AD743KR-16 Datasheet HTML 8Page - Analog Devices AD743KR-16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD743
REV. C
–5–
–60 –40
–20
0
20
40
60
80 100 120 140
2.0
2.5
3.0
3.5
TEMPERATURE –
°C
Figure 11. Slew Rate vs.
Temperature (Gain = –1)
100
1k
10k
100k
1M
10M
100M
100
80
60
40
20
0
120
FREQUENCY – Hz
+ SUPPLY
– SUPPLY
Figure 14. Power Supply Rejection
vs. Frequency
100
1k
10k
100k
1.0
10
100
10
1M
0.1
1
10M
FREQUENCY – Hz
CLOSED-LOOP GAIN = 1
CLOSED-LOOP GAIN = 10
Figure 17. Input Noise Voltage
Spectral Density
05
10
15
20
80
120
130
140
150
100
SUPPLY VOLTAGE
± VOLTS
Figure 12. Open-Loop Gain vs.
Supply Voltage, RLOAD = 2K
35
30
25
20
15
10
5
0
1M
1k
10k
100k
FREQUENCY – Hz
R = 2k
L
Figure 15. Large Signal Frequency
Response
100
1k
10k
100k
1.0
10
100
10
1
1k
FREQUENCY – Hz
Figure 18. Input Noise Current
Spectral Density
100
1k
10k
100k
1M
10M
100M
100
80
60
40
20
0
–20
100
60
0
20
40
80
–20
FREQUENCY – Hz
PHASE
GAIN
Figure 10. Open-Loop Gain and
Phase vs. Frequency
100
1k
10k
100k
1M
100
80
60
40
20
0
120
FREQUENCY – Hz
V
=
±10V
CM
Figure 13. Common-Mode Rejec-
tion vs. Frequency
–140
–130
–120
–110
–100
–90
–80
–70
100k
10
100
1k
10k
FREQUENCY – Hz
GAIN = +10
GAIN = –1
Figure 16. Total Harmonic Distor-
tion vs. Frequency


Similar Part No. - AD743KR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD74322 AD-AD74322 Datasheet
123Kb / 20P
   Low Cost, Low Power Stereo Audio Analog Front End
REV. Pr D 03/00
More results

Similar Description - AD743KR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com