Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD743JR-16-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD743JR-16-REEL
Description  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD743JR-16-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD743JR-16-REEL Datasheet HTML 4Page - Analog Devices AD743JR-16-REEL Datasheet HTML 5Page - Analog Devices AD743JR-16-REEL Datasheet HTML 6Page - Analog Devices AD743JR-16-REEL Datasheet HTML 7Page - Analog Devices AD743JR-16-REEL Datasheet HTML 8Page - Analog Devices AD743JR-16-REEL Datasheet HTML 9Page - Analog Devices AD743JR-16-REEL Datasheet HTML 10Page - Analog Devices AD743JR-16-REEL Datasheet HTML 11Page - Analog Devices AD743JR-16-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD743
REV. C
–8–
Figures 26 and 27 show two ways to buffer and amplify the
output of a charge output transducer. Both require using an
amplifier which has a very high input impedance, such as the
AD743. Figure 26 shows a model of a charge amplifier circuit.
Here, amplification depends on the principle of conservation of
charge at the input of amplifier A1, which requires that the
charge on capacitor CS be transferred to capacitor CF, thus
yielding an output voltage of
∆Q/C
F. The amplifiers input
voltage noise will appear at the output amplified by the noise
gain (1 + (CS/CF)) of the circuit.
Figure 26. A Charge Amplifier Circuit
Figure 27. Model for a High Z Follower with Gain
The second circuit, Figure 27, is simply a high impedance
follower with gain. Here the noise gain (1 + (R1/R2)) is the
same as the gain from the transducer to the output. Resistor RB,
in both circuits, is required as a dc bias current return.
There are three important sources of noise in these circuits.
Amplifiers A1 and A2 contribute both voltage and current noise,
while resistor RB contributes a current noise of:
~
N =
4k
T
RB
∆f
where:
k = Boltzman’s Constant = 1.381 x 10
–23 Joules/Kelvin
T = Absolute Temperature, Kelvin (0
°C = +273.2 Kelvin)
∆f = Bandwidth – in Hz (Assuming an Ideal “Brick Wall”
Filter)
This must be root-sum-squared with the amplifier’s own current
noise.
Figure 28 shows that these two circuits have an identical
frequency response and the same noise performance (provided
that CS/CF = R1/ R2). One feature of the first circuit is that a
“T” network is used to increase the effective resistance of RB
and improve the low frequency cutoff point by the same factor.
–100
–110
–120
–130
–140
–150
–160
–170
–180
–190
–200
–210
–220
10M
100M
1
10
100
1k
10k
100k
FREQUENCY – Hz
TOTAL OUTPUT
NOISE
NOISE DUE TO
R
ALONE
B
NOISE DUE TO
I
ALONE
B
Figure 28. Noise at the Outputs of the Circuits of Figures
26 and 27. Gain = 10, CS = 3000 pF, RB = 22 MΩ
However, this does not change the noise contribution of RB
which, in this example, dominates at low frequencies. The graph
of Figure 29 shows how to select an RB large enough to minimize
this resistor’s contribution to overall circuit noise. When the
equivalent current noise of RB ((
√4kT)/R) equals the noise of I
B
( 2qI
B ), there is diminishing return in making RB larger.
1pA
10pA
100pA
1nA
10nA
5.2 x 10
10
5.2 x 10
9
5.2 x 10
8
5.2 x 10
7
5.2 x 10
6
INPUT BIAS CURRENT
Figure 29. Graph of Resistance vs. Input Bias Current
where the Equivalent Noise
√4kT/R, Equals the Noise
of the Bias Current
2qIB
To maximize dc performance over temperature, the source
resistances should be balanced on each input of the amplifier.
This is represented by the optional resistor RB in Figures 26 and
27. As previously mentioned, for best noise performance care
should be taken to also balance the source capacitance designated
by CB. The value for CB in Figure 26 would be equal to CS, in
Figure 27. At values of CB over 300 pF, there is a diminishing
impact on noise; capacitor CB can then be simply a large bypass
of 0.01
µF or greater.


Similar Part No. - AD743JR-16-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results

Similar Description - AD743JR-16-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com