Electronic Components Datasheet Search |
|
AD7524LN Datasheet(PDF) 1 Page - Analog Devices |
|
AD7524LN Datasheet(HTML) 1 Page - Analog Devices |
1 / 8 page REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a CMOS 8-Bit Buffered Multiplying DAC AD7524 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703 FEATURES Microprocessor Compatible (6800, 8085, Z80, Etc.) TTL/CMOS Compatible Inputs On-Chip Data Latches Endpoint Linearity Low Power Consumption Monotonicity Guaranteed (Full Temperature Range) Latch Free (No Protection Schottky Required) APPLICATIONS Microprocessor Controlled Gain Circuits Microprocessor Controlled Attenuator Circuits Microprocessor Controlled Function Generation Precision AGC Circuits Bus Structured Instruments GENERAL DESCRIPTION The AD7524 is a low cost, 8-bit monolithic CMOS DAC designed for direct interface to most microprocessors. Basically an 8-bit DAC with input latches, the AD7524’s load cycle is similar to the “write” cycle of a random access memory. Using an advanced thin-film on CMOS fabrication process, the AD7524 provides accuracy to 1/8 LSB with a typi- cal power dissipation of less than 10 milliwatts. A newly improved design eliminates the protection Schottky previously required and guarantees TTL compatibility when using a +5 V supply. Loading speed has been increased for compatibility with most microprocessors. Featuring operation from +5 V to +15 V, the AD7524 inter- faces directly to most microprocessor buses or output ports. Excellent multiplying characteristics (2- or 4-quadrant) make the AD7524 an ideal choice for many microprocessor con- trolled gain setting and signal control applications. FUNCTIONAL BLOCK DIAGRAM ORDERING GUIDE Temperature Nonlinearity Package Model 1 Range (VDD = +15 V) Option 2 AD7524JN –40 °C to +85°C ±1/2 LSB N-16 AD7524KN –40 °C to +85°C ±1/4 LSB N-16 AD7524LN –40 °C to +85°C ±1/8 LSB N-16 AD7524JP –40 °C to +85°C ±1/2 LSB P-20A AD7524KP –40 °C to +85°C ±1/4 LSB P-20A AD7524LP –40 °C to +85°C ±1/8 LSB P-20A AD7524JR –40 °C to +85°C ±1/2 LSB R-16A AD7524AQ –40 °C to +85°C ±1/2 LSB Q-16 AD7524BQ –40 °C to +85°C ±1/4 LSB Q-16 AD7524CQ –40 °C to +85°C ±1/8 LSB Q-16 AD7524SQ –55 °C to +125°C ±1/2 LSB Q-16 AD7524TQ –55 °C to +125°C ±1/4 LSB Q-16 AD7524UQ –55 °C to +125°C ±1/8 LSB Q-16 AD7524SE –55 °C to +125°C ±1/2 LSB E-20A AD7524TE –55 °C to +125°C ±1/4 LSB E-20A AD7524UE –55 °C to +125°C ±1/8 LSB E-20A NOTES 1To order MIL-STD-883, Class B processed parts, add/883B to part number. Contact your local sales office for military data sheet. For U.S. Standard Military Drawing (SMD) see DESC drawing #5962-87700. 2E = Leadless Ceramic Chip Carrier: N = Plastic DIP; P = Plastic Leaded Chip Carrier; Q = Cerdip; R = SOIC. |
Similar Part No. - AD7524LN |
|
Similar Description - AD7524LN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |