Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7417AR-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD7417AR-REEL
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7417AR-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD7417AR-REEL Datasheet HTML 1Page - Analog Devices AD7417AR-REEL Datasheet HTML 2Page - Analog Devices AD7417AR-REEL Datasheet HTML 3Page - Analog Devices AD7417AR-REEL Datasheet HTML 4Page - Analog Devices AD7417AR-REEL Datasheet HTML 5Page - Analog Devices AD7417AR-REEL Datasheet HTML 6Page - Analog Devices AD7417AR-REEL Datasheet HTML 7Page - Analog Devices AD7417AR-REEL Datasheet HTML 8Page - Analog Devices AD7417AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. G
AD7416/AD7417/AD7418
–5–
AD7416 PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic
Description
1
SDA
Digital I/O. Serial bus bidirectional data. Push-pull output.
2
SCL
Digital Input. Serial bus clock.
3
OTI
This is a logic output. The OTI is set if the result of a conversion on Channel 0 (temperature sensor) is
greater that an 8-bit word in the OTR. The signal is reset at the end of a serial read operation. Open-
drain output.
4GND
Ground reference for track-and-hold, comparator and capacitor DAC, and digital circuitry.
5A2Digital Input. The highest programmable bit of the serial bus address.
6A1Digital Input. The middle programmable bit of the serial bus address.
7A0Digital Input. The lowest programmable bit of the serial bus address.
8VDD
Positive Supply Voltage, 2.7 V to 5.5 V.
AD7418 PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic
Description
1
SDA
Digital I/O. Serial bus bidirectional data. Push-pull output.
2
SCL
Digital Input. Serial bus clock.
3
OTI
This is a logic output. The OTI is set if the result of a conversion on Channel 0 (temperature sensor) is
greater that an 8-bit word in the OTR. The signal is reset at the end of a serial read operation. Open-
drain output.
4GND
Ground reference for track-and-hold, comparator and capacitor DAC, and digital circuitry.
5AIN
Analog Input Channel. The input channel is single-ended with respect to GND. The input channel can
convert voltage signals in the range 0 V to VREF. The analog input channel is selected by writing to the
configuration register of the AD7418 and choosing Channel 4. (See Control Byte section.)
6
REFIN
Reference Input. An external 2.5 V reference can be connected to the AD7418 at this pin. To enable the
on-chip reference, the REFIN pin should be tied to GND. If an external reference is connected to the
AD7418, the internal reference will shut down.
7VDD
Positive Supply Voltage, 2.7 V to 5.5 V.
8
CONVST
Logic Input Signal. Convert start signal. The rising edge of this signal fully powers up the part. The
power-up time for the part is 4
µs. If the CONVST pulse is greater than 4 µs, the falling edge of
CONVST places the track-and-hold mode into hold mode and initiates a conversion. If the pulse is less
than 4
µs, an internal timer ensures that the track-and-hold does not go into hold and conversion is not
initiated until the power-up time has elapsed. The track-and-hold goes into track mode again at the end
of conversion. (See Operating Mode section.)
AD7416 PIN CONFIGURATION
SOIC/MSOP
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
SDA
SCL
OTI
GND
VDD
A0
A2
AD7416
A1
AD7418 PIN CONFIGURATION
SOIC/MSOP
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
SDA
SCL
OTI
GND
CONVST
VDD
REFIN
AIN
AD7418


Similar Part No. - AD7417AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7417AR-REEL AD-AD7417AR-REEL Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7417AR-REEL7 AD-AD7417AR-REEL7 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
More results

Similar Description - AD7417AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416 AD-AD7416_10 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
logo
Texas Instruments
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com