Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538JN Datasheet(PDF) 6 Page - Analog Devices

Part # AD7538JN
Description  LC2MOS uP-Compatible 14-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538JN Datasheet(HTML) 6 Page - Analog Devices

  AD7538JN Datasheet HTML 1Page - Analog Devices AD7538JN Datasheet HTML 2Page - Analog Devices AD7538JN Datasheet HTML 3Page - Analog Devices AD7538JN Datasheet HTML 4Page - Analog Devices AD7538JN Datasheet HTML 5Page - Analog Devices AD7538JN Datasheet HTML 6Page - Analog Devices AD7538JN Datasheet HTML 7Page - Analog Devices AD7538JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD7538
REV. A
–6–
For zero offset adjustment, the DAC register is loaded with all
0s and amplifier offset (VOS) adjusted so that VOUT is 0 V. Ad-
justing VOUT to 0 V is not necessary in many applications, but it
is recommended that VOS be no greater than (25 × 10
–6) (V
REF)
to maintain specified DAC accuracy (see Applications Hints).
Full-scale trimming is accomplished by loading the DAC register
with all 1s and adjusting R1 so that VOUTA = –VIN (16383/16384).
For high temperature operation, resistors and potentiometers
should have a low Temperature Coefficient. In many applica-
tions, because of the excellent Gain T.C. and Gain Error speci-
fications of the AD7538, Gain Error trimming is not necessary.
In fixed reference applications, full scale can also be adjusted
by omitting R1 and R2 and trimming the reference voltage
magnitude.
BIPOLAR OPERATION
(4-QUADRANT MULTIPLICATION)
The recommended circuit diagram for bipolar operation is
shown in Figure 5. Offset binary coding is used. The code table
for Figure 5 is given in Table II.
With the DAC loaded to 10 0000 0000 0000, adjust R1 for
VO = 0 V. Alternatively, one can omit R1 and R2 and adjust the
ratio of R5 and R6 for VO = 0 V. Full-scale trimming can be
accomplished by adjusting the amplitude of VIN or by varying
the value of R7.
The values given for R1, R2 are the minimum necessary to cali-
brate the system for resistors, R5, R6, R7 ratio matched to 0.1%.
System linearity error is independent of resistor ratio matching
and is affected by DAC linearity error only.
When operating over a wide temperature range, it is important
that the resistors be of the same type so that their temperature
coefficients match.
For further information sec “CMOS DAC Application Guide”,
3rd Edition, Publication Number G872b-8-1/89 available from
Analog Devices.
Figure 5. Bipolar Operation
LOW LEAKAGE CONFIGURATION
For CMOS Multiplying D/A converters, as the device is oper-
ated at higher temperatures, the output leakage current in-
creases. For a 14-bit resolution system, this can be a significant
source of error. The AD7538 features a leakage reduction con-
figuration (U.S. Patent No. 4,590,456) to keep the leakage cur-
rent low over an extended temperature range. One may operate
the device with or without this configuration. If VSS (Pin 24) is
tied to AGND then the DAC will exhibit normal output leakage
current at high temperatures. To use the low leakage facility,
Table II. Bipolar Code Table for Offset Binary Circuit of
Figure 5.
Binary Number In
DAC Register
Analog Output VOUT
MSB
LSB
11 1111 1111 1111
+V
IN
8191
8192


10 0000 0000 0001
+V
IN
1
8192


10 0000 0000 0000
0 V
01 1111 1111 1111
–VIN
1
8192


00 0000 0000 0000
–VIN
8191
8192


VSS should be tied to a voltage of approximately –0.3 V as in
Figures 4 and 5. A simple resistor divider (R3, R4) produces ap-
proximately –300 mV from –15 V. The capacitor C2 in parallel
with R3 is an integral part of the low leakage configuration and
must be 4.7
µF or greater. Figure 6 is a plot of leakage current
versus temperature for both conditions. It clearly shows the im-
provement gained by using the low leakage configuration.
Figure 6. Graph of Typical Leakage Current vs.
Temperature for AD7538
PROGRAMMABLE GAIN AMPLIFIER
The circuit shown in Figure 7 provides a programmable gain
amplifier (PGA). In it the DAC behaves as a programmable
resistance and thus allows the circuit gain to be digitally
controlled.
Figure 7. Programmable Gain Amplifier (PGA)


Similar Part No. - AD7538JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JN AD-AD7538JN Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JN AD-AD7538JN Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JNZ AD-AD7538JNZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JNZ1 AD-AD7538JNZ1 Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7549 AD-AD7549 Datasheet
495Kb / 8P
   LC2MOS DUAL 12-BIT uP-COMPATIBLE DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7534 AD-AD7534 Datasheet
492Kb / 12P
   uP-Compatible 14-Bit DAC
REV. A
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com