Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538JN Datasheet(PDF) 8 Page - Analog Devices

Part # AD7538JN
Description  LC2MOS uP-Compatible 14-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538JN Datasheet(HTML) 8 Page - Analog Devices

  AD7538JN Datasheet HTML 1Page - Analog Devices AD7538JN Datasheet HTML 2Page - Analog Devices AD7538JN Datasheet HTML 3Page - Analog Devices AD7538JN Datasheet HTML 4Page - Analog Devices AD7538JN Datasheet HTML 5Page - Analog Devices AD7538JN Datasheet HTML 6Page - Analog Devices AD7538JN Datasheet HTML 7Page - Analog Devices AD7538JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD7538
REV. A
–8–
AD7538-MC68000 INTERFACE
Figure 10 shows the MC68000 processor interface to a single
device. In this setup the double buffering feature of the DAC is
not used and the appropriate data is written into the DAC in
one MOVE instruction.
Figure 10. AD7538-MC68000 Interface
DIGITAL FEEDTHROUGH
The digital inputs to the AD7538 are directly connected to the
microprocessor bus in the preceding interface configurations.
These inputs will be constantly changing even when the device
is not selected. The high frequency logic activity on the bus can
feed through the DAC package capacitance to show up as noise
on the analog output. To minimize this Digital Feedthrough
isolate the DAC from the noise source. Figure 11 shows an in-
terface circuit which uses this technique. All data inputs are
latched from the bus by the CS signal. One may also use other
means, such as peripheral interface devices, to reduce the Digi-
tal Feedthrough.
Figure 11. AD7538 Interface Circuit Using Latches to
Minimize Digital Feedthrough
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Pin Plastic Suffix (N)
24-Pin Cerdip (Suffix Q)


Similar Part No. - AD7538JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JN AD-AD7538JN Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JN AD-AD7538JN Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JNZ AD-AD7538JNZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JNZ1 AD-AD7538JNZ1 Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7549 AD-AD7549 Datasheet
495Kb / 8P
   LC2MOS DUAL 12-BIT uP-COMPATIBLE DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7534 AD-AD7534 Datasheet
492Kb / 12P
   uP-Compatible 14-Bit DAC
REV. A
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com