Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7537LN Datasheet(PDF) 6 Page - Analog Devices

Part # AD7537LN
Description  LC2MOS (84) Loading Dual 12-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7537LN Datasheet(HTML) 6 Page - Analog Devices

  AD7537LN Datasheet HTML 1Page - Analog Devices AD7537LN Datasheet HTML 2Page - Analog Devices AD7537LN Datasheet HTML 3Page - Analog Devices AD7537LN Datasheet HTML 4Page - Analog Devices AD7537LN Datasheet HTML 5Page - Analog Devices AD7537LN Datasheet HTML 6Page - Analog Devices AD7537LN Datasheet HTML 7Page - Analog Devices AD7537LN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD7537
REV. 0
–6–
SEPARATE AGND PINS
The DACs in the AD7537 have separate AGND lines taken to
pins AGNDA and AGNDB on the package. This increases the
applications versatility of the part. Figure 6 is an example of
this. DAC A is connected in standard fashion as a program-
mable attenuator. AGNDA is at ground potential. DAC B is op-
erating with AGND B biased to +5 V by the AD584. This gives
an output range of +5 V to +10 V.
Figure 6. AD7537 DACs Used in Different Modes
PROGRAMMABLE OSCILLATOR
Figure 7 shows a conventional state variable oscillator in which
the AD7537 controls the programmable integrators. The fre-
quency of oscillation is given by:
f
=
1
2
π
R6
R5
×
1
C1
×C2× REQ1× REQ2
where REQ1 and REQ2 are the equivalent resistances of the
DACs. The same digital code is loaded into both DACs.
If C1 = C2 and R5 = R6, the expression reduces to
f
=
1
2
π
×
1
C
1
REQ1 × REQ2
Since REQ =
2n
× R
LAD
N
, (RLAD = DAC ladder resistance).
f
=
1
2
π
×
1
C
(N /2n )2
RLAD1 × RLAD2
=
1
2
π
×
D
C
1
RLAD1 × RLAD2
D
=
N
2n


=
1
2
π
×
D
C
× R
LAD m
where m is the DAC ladder resistance mismatch ratio, typically
1.005.
With the values shown in Figure 7, the output frequency varies
from 0 Hz to 1.38 kHz. The amplitude of the output signal at
the A3 output is 10 V peak-to-peak and is constant over the
entire frequency span.
Figure 7. Programmable State Variable Oscillator


Similar Part No. - AD7537LN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7537LNZ AD-AD7537LNZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
More results

Similar Description - AD7537LN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7937 AD-AD7937 Datasheet
157Kb / 8P
   LC2MOS 84 Loading Dual 12-Bit DAC
REV. 0
AD7537JR AD-AD7537JR Datasheet
170Kb / 10P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. A
AD7537JNZ AD-AD7537JNZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7547 AD-AD7547 Datasheet
601Kb / 8P
   LC2MOS PARALLEL LOADING DUAL 12-BIT DAC
REV. A
AD7547 AD-AD7547_17 Datasheet
637Kb / 9P
   LC2MOS Parallel Loading Dual 12-Bit DAC
AD7547 AD-AD7547_15 Datasheet
606Kb / 8P
   Parallel Loading Dual 12 Bit DAC
REV. A
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
AD7537 AD-AD7537_15 Datasheet
170Kb / 10P
   LC MOS Loading Dual 12-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7548 AD-AD7548_17 Datasheet
653Kb / 13P
   LC2MOS 8-Bit P-Compatible 12-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com