Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7537JP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7537JP
Description  LC2MOS (84) Loading Dual 12-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7537JP Datasheet(HTML) 1 Page - Analog Devices

  AD7537JP Datasheet HTML 1Page - Analog Devices AD7537JP Datasheet HTML 2Page - Analog Devices AD7537JP Datasheet HTML 3Page - Analog Devices AD7537JP Datasheet HTML 4Page - Analog Devices AD7537JP Datasheet HTML 5Page - Analog Devices AD7537JP Datasheet HTML 6Page - Analog Devices AD7537JP Datasheet HTML 7Page - Analog Devices AD7537JP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
(8+4) Loading Dual 12-Bit DAC
AD7537
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Two 12-Bit DACs in One Package
DAC Ladder Resistance Matching: 0.5%
Space Saving Skinny DIP and Surface Mount Packages
4-Quadrant Multiplication
Low Gain Error (1 LSB max Over Temperature)
Byte Loading Structure
Fast Interface Timing
APPLICATIONS
Automatic Test Equipment
Programmable Filters
Audio Applications
Synchro Applications
Process Control
GENERAL DESCRIPTION
The AD7537 contains two 12-bit current output DACs on one
monolithic chip. A separate reference input is provided for each
DAC. The dual DAC saves valuable board space, and the
monolithic construction ensures excellent thermal tracking.
Both DACs are guaranteed 12-bit monotonic over the full tem-
perature range.
The AD7537 has a 2-byte (8 LSBs, 4 MSBs) loading structure.
It is designed for right-justified data format. The control signals
for register loading are A0, A1, CS, WR and UPD. Data is
loaded to the input registers when CS and WR are low. To
transfer this data to the DAC registers, UPD must be taken low
with WR.
Added features on the AD7537 include an asynchronous CLR
line which is very useful in calibration routines. When this is
taken low, all registers are cleared. The double buffering of the
data inputs allows simultaneous update of both DACs. Also,
each DAC has a separate AGND line. This increases the device
versatility; for instance one DAC may be operated with
AGND biased while the other is connected in the standard
configuration.
The AD7537 is manufactured using the Linear Compatible
CMOS (LC
2MOS) process. It is speed compatible with most
microprocessors and accepts TTL, 74HC and 5 V CMOS logic
level inputs.
PRODUCT HIGHLIGHTS
1. DAC to DAC Matching:
Since both DACs are fabricated on the same chip, precise
matching and tracking is inherent. Many applications which
are not practical using two discrete DACs are now possible.
Typical matching: 0.5%.
2. Small Package Size:
The AD7537 is packaged in small 24-pin 0.3" DIPs and in
28-terminal surface mount packages.
3. Wide Power Supply Tolerance:
The device operates on a +12 V to +15 V VDD, with
±10%
tolerance on this nominal figure. All specifications are
guaranteed over this range.


Similar Part No. - AD7537JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7537JP AD-AD7537JP Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7537JP-REEL AD-AD7537JP-REEL Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7537JPZ AD-AD7537JPZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7537JPZ-REEL AD-AD7537JPZ-REEL Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
More results

Similar Description - AD7537JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7937 AD-AD7937 Datasheet
157Kb / 8P
   LC2MOS 84 Loading Dual 12-Bit DAC
REV. 0
AD7537JR AD-AD7537JR Datasheet
170Kb / 10P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. A
AD7537JNZ AD-AD7537JNZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7547 AD-AD7547 Datasheet
601Kb / 8P
   LC2MOS PARALLEL LOADING DUAL 12-BIT DAC
REV. A
AD7547 AD-AD7547_17 Datasheet
637Kb / 9P
   LC2MOS Parallel Loading Dual 12-Bit DAC
AD7547 AD-AD7547_15 Datasheet
606Kb / 8P
   Parallel Loading Dual 12 Bit DAC
REV. A
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
AD7537 AD-AD7537_15 Datasheet
170Kb / 10P
   LC MOS Loading Dual 12-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7548 AD-AD7548_17 Datasheet
653Kb / 13P
   LC2MOS 8-Bit P-Compatible 12-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com