Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538KR Datasheet(PDF) 1 Page - Analog Devices

Part # AD7538KR
Description  LC2MOS uP-Compatible 14-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538KR Datasheet(HTML) 1 Page - Analog Devices

  AD7538KR Datasheet HTML 1Page - Analog Devices AD7538KR Datasheet HTML 2Page - Analog Devices AD7538KR Datasheet HTML 3Page - Analog Devices AD7538KR Datasheet HTML 4Page - Analog Devices AD7538KR Datasheet HTML 5Page - Analog Devices AD7538KR Datasheet HTML 6Page - Analog Devices AD7538KR Datasheet HTML 7Page - Analog Devices AD7538KR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
P-Compatible 14-Bit DAC
AD7538
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
All Grades 14-Bit Monotonic Over the Full Temperature
Range
Low Cost 14-Bit Upgrade for 12-Bit Systems
14-Bit Parallel Load with Double Buffered Inputs
Small 24-Pin, 0.3 DIP and SOIC
Low Output Leakage (<20 nA) Over the Full
Temperature Range
APPLICATIONS
Microprocessor Based Control Systems
Digital Audio
Precision Servo Control
Control and Measurement in High Temperature
Environments
GENERAL DESCRIPTION
The AD7538 is a 14-bit monolithic CMOS D/A converter
which uses laser trimmed thin-film resistors to achieve excellent
linearity.
The DAC is loaded by a single 14-bit wide word using standard
Chip Select and Memory Write Logic. Double buffering, which
is optional using LDAC, allows simultaneous update in a sys-
tem containing multiple AD7538s.
A novel low leakage configuration (U.S. Patent No. 4,590,456)
enables the AD7538 to exhibit excellent output leakage current
characteristics over the specified temperature range.
The AD7538 is manufactured using the Linear Compatible
CMOS (LC
2MOS) process. It is speed compatible with most
microprocessors and accepts TTL or CMOS logic level inputs.
PRODUCT HIGHLIGHTS
1. Guaranteed Monotonicity
The AD7538 is guaranteed monotonic to 14-bits over the
full temperature range for all grades.
2. Low Cost
The AD7538, with its 14-bit dynamic range, affords a low
cost solution for 12-bit system upgrades.
3. Small Package Size
The AD7538 is packaged in a small 24-pin, 0.3" DIP and a
24-pin SOIC.
4. Low Output Leakage
By tying VSS (Pin 24) to a negative voltage, it is possible to
achieve a low output leakage current at high temperatures.
5. Wide Power Supply Tolerance
The device operates on a +12 V to +15 V VDD, with a
±5%
tolerance on this nominal figure. All specifications are
guaranteed over this range.


Similar Part No. - AD7538KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538KR AD-AD7538KR Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538KR AD-AD7538KR Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538KR-REEL AD-AD7538KR-REEL Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538KR-REEL AD-AD7538KR-REEL Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538KRZ AD-AD7538KRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7549 AD-AD7549 Datasheet
495Kb / 8P
   LC2MOS DUAL 12-BIT uP-COMPATIBLE DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7534 AD-AD7534 Datasheet
492Kb / 12P
   uP-Compatible 14-Bit DAC
REV. A
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com