Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K10106ZD Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # K10106ZD
Description  High Reliability Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10106ZD Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  K10106ZD Datasheet HTML 1Page - COSMO  Electronics Corporation K10106ZD Datasheet HTML 2Page - COSMO  Electronics Corporation K10106ZD Datasheet HTML 3Page - COSMO  Electronics Corporation K10106ZD Datasheet HTML 4Page - COSMO  Electronics Corporation K10106ZD Datasheet HTML 5Page - COSMO  Electronics Corporation K10106ZD Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT SPECIFICATION
DATE:12/18/2012
NO.63P00016
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010 6Z
SHEET 3 OF 6
REV.
1
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
70
mW
Collector-emitter voltage
VCEO
80
V
Emitter-collector voltage
VECO
6
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Output
Junction temperature
Tj
125
Total power dissipation
Ptot
200
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-55 to +115
Storage temperature
Tstg
-55 to +125
Soldering temperature 10 second
Tsol
260
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
VF
IF=20mA
-
1.2
1.4
V
Peak forward voltage
VFM
IFM=0.5A
-
-
3.0
V
Reverse current
IR
VR=4V
-
-
10
μ
A
Input
Terminal capacitance
Ct
V=0, f=1KHz
-
30
-
pF
Output Collector dark current
ICEO
VCE=20V
-
-
0.1
μ
A
Current transfer ratio
CTR
IF=0.1mA, VCE=5V
50
-
600
%
Collector-emitter saturation
VCE(sat)
IF=20mA, IC=1mA
-
0.1
0.2
V
Isolation resistance
Riso
DC500V
5x10
10
10
11
-
Floating capacitance
Cf
V=0, f=1MHz
-
0.6
1.0
pF
Response time ( Rise )
tr
-
4
18
μ
s
Transfer
charac-
teristics
Response time ( Fall )
tf
VCE=2V, IC=2mA, RL=100Ω
-
3
18
μ
s


Similar Part No. - K10106ZD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K10106Z COSMO-K10106Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZATLD COSMO-K10106ZATLD Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZATRU COSMO-K10106ZATRU Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZETLD COSMO-K10106ZETLD Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZETRU COSMO-K10106ZETRU Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results

Similar Description - K10106ZD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
   High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
   High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
   High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
   High Reliability Photocoupler
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
   High Reliability Photocoupler
KPC815S COSMO-KPC815S Datasheet
139Kb / 6P
   High Reliability Photocoupler
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
   High Reliability Photocoupler
KP2210L COSMO-KP2210L Datasheet
121Kb / 6P
   High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com