Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538SQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7538SQ
Description  LC2MOS uP-Compatible 14-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538SQ Datasheet(HTML) 5 Page - Analog Devices

  AD7538SQ Datasheet HTML 1Page - Analog Devices AD7538SQ Datasheet HTML 2Page - Analog Devices AD7538SQ Datasheet HTML 3Page - Analog Devices AD7538SQ Datasheet HTML 4Page - Analog Devices AD7538SQ Datasheet HTML 5Page - Analog Devices AD7538SQ Datasheet HTML 6Page - Analog Devices AD7538SQ Datasheet HTML 7Page - Analog Devices AD7538SQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD7538
REV. A
–5–
EQUIVALENT CIRCUIT ANALYSIS
Figure 3 shows an equivalent circuit for the analog section of
the AD7538 D/A converter. The current source ILEAKAGE is
composed of surface and junction leakages. The resistor RO
denotes the equivalent output resistance of the DAC which
varies with input code. COUT is the capacitance due to the cur-
rent steering switches and varies from about 90 pF to 180 pF
(typical values) depending upon the digital input. g(VREF, N) is
the Thevenin equivalent voltage generator due to the reference
input voltage, VREF, and the transfer function of the DAC
ladder, N.
Figure 3. AD7538 Equivalent Analog Output Circuit
DIGITAL SECTION
The digital inputs are designed to be both TTL and 5 V CMOS
compatible. All logic inputs are static protected MOS gates with
typical input currents of less than 1 nA. To minimize power
supply currents, it is recommended that the digital input volt-
ages be driven as close as possible to 0 V and 5 V logic levels.
UNIPOLAR BINARY OPERATION (2-QUADRANT
MULTIPLICATION)
Figure 4 shows the circuit diagram for unipolar binary opera-
tion. With an ac input, the circuit performs 2 quadrant multipli-
cation. The code table for Figure 4 is given in Table I.
Capacitor C1 provides phase compensation and helps prevent
overshoot and ringing when high-speed op amps are used.
The R-2R ladder current is 1/8 of the total reference input cur-
rent. 7/8 I flows in the parallel ladder structure. Switches A-G
steer equally weighted currents between IOUT and AGND.
Since the input resistance at VREF is constant, it may be driven
by a voltage source or a current source of positive or negative
polarity.
CIRCUIT INFORMATION
Figure 2. Simplified Circuit Diagram for the AD7538 D/A Section
Figure 4. Unipolar Binary Operation
Table I. Unipolar Binary Code Table for AD7538
Binary Number In
DAC Register
Analog Output, VOUT
MSB
LSB
11 1111 1111 1111
–VIN
16383
16384


10 0000 0000 0000
–VIN
8192
16384


= –1/ 2V
IN
00 0000 0000 0001
–VIN
1
16384


00 0000 0000 0000
0 V
D/A SECTION
Figure 2 shows a simplified circuit diagram for the AD7538
D/A section. The three MSBs of the 14-bit Data Word are de-
coded to drive the seven switches A-G. The 11 LSBs of the
Data Word consist of an R-2R ladder operated in a current
steering configuration.


Similar Part No. - AD7538SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538SQ AD-AD7538SQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538SQ AD-AD7538SQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7549 AD-AD7549 Datasheet
495Kb / 8P
   LC2MOS DUAL 12-BIT uP-COMPATIBLE DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7534 AD-AD7534 Datasheet
492Kb / 12P
   uP-Compatible 14-Bit DAC
REV. A
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com