Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBMY50PNMBA197FO Datasheet(PDF) 9 Page - ITT Industries

Part # DBMY50PNMBA197FO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMY50PNMBA197FO Datasheet(HTML) 9 Page - ITT Industries

Back Button DBMY50PNMBA197FO Datasheet HTML 5Page - ITT Industries DBMY50PNMBA197FO Datasheet HTML 6Page - ITT Industries DBMY50PNMBA197FO Datasheet HTML 7Page - ITT Industries DBMY50PNMBA197FO Datasheet HTML 8Page - ITT Industries DBMY50PNMBA197FO Datasheet HTML 9Page - ITT Industries DBMY50PNMBA197FO Datasheet HTML 10Page - ITT Industries DBMY50PNMBA197FO Datasheet HTML 11Page - ITT Industries DBMY50PNMBA197FO Datasheet HTML 12Page - ITT Industries DBMY50PNMBA197FO Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
C
C-9
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon Solder Cup, Size 20
Military/Hi-Reliability
Solder Cup
Dimensions
Plug
For contact cavity arrangements, see pages C-44.
For panel cutouts, see page C-49.
Accepts up to 18 AWG.
Shell
A
B
C
D
E
F
W
W
K
K
L
size ± 0,38 (.015) ± 0,13 (.005) ± 0,13 (.005) ± 0,13 (.005) ± 0,38 (.015) ± 0,25 (.010) ± 0,368 (.0145) ± 0,41 (.016) ± 0,317 (.0125) ± 0,25 (.010) ± 0,25
(.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (8,36)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
-
1,206 (.0475)
-
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
-
1,206 (.0475)
-
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
-
6.84 (.269)
-
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
-
6.84 (.269)
-
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
-
6.84 (.269)
-
1,52 (.060)
0,99 (.039)
Shell Size
Layout
Through Hole
Dual Float Mount
DE
9
DEM9P
DEMY9P
DA
15
DAM15P
DAMY15P
DB
25
DBM25P
DBMY25P
DC
37
DCM37P
DCMY37P
DD
50
DDM50P
DDMY50P
Note: For residual magnetism level of 200 gamma and shells and contacts with 50 mi-
croinches (1,27 m) gold plating, add NMBK52"
Engaging Face
DD Configuration
A
C
B
E
D
10
°
Ø 3,05
(.120)
5,69
(.224)
2,84
(.112)
L
K
Size D
10,72 (.422)
MAX
2,84
(.112)
F
W
Sizes E, A, B, C
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 9


Similar Part No. - DBMY50PNMBA197FO

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMY5W5SNM ITT-DBMY5W5SNM Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DBMY50PNMBA197FO

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DC-8075 BUD-DC-8075 Datasheet
101Kb / 1P
   MISSION CRITICAL CABINET
logo
Fujitsu Component Limit...
2400E3 FUJITSU-2400E3 Datasheet
467Kb / 9P
   Fujitsu Server PRIMEQUEST 2400E3 Mission Critical
2800E3 FUJITSU-2800E3 Datasheet
579Kb / 9P
   Fujitsu Server PRIMEQUEST 2800E3 Mission Critical
logo
Lanner All Rights Reser...
PGN-750 LANNER-PGN-750 Datasheet
341Kb / 1P
   Swappable 5G Radio Modem for Mission-Critical Communications
v4-2022,12,16
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
   EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
logo
Dialight Corporation
598-8170-102F DIALIGHT-598-8170-102F Datasheet
1Mb / 16P
   40 Years of LED Experience
logo
Tripp Lite. All Rights ...
SU10K TRIPPLITE-SU10K Datasheet
151Kb / 4P
   SmartOnline UPS System - True online power for mission critical applications
logo
STMicroelectronics
AN4178 STMICROELECTRONICS-AN4178 Datasheet
109Kb / 13P
   LIN communication with two STM8AF boards of STM8A-DISCOVERY
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
   SCI COMMUNICATION BETWEEN ST7 AND PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com