Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538TQ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7538TQ
Description  LC2MOS uP-Compatible 14-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538TQ Datasheet(HTML) 7 Page - Analog Devices

  AD7538TQ Datasheet HTML 1Page - Analog Devices AD7538TQ Datasheet HTML 2Page - Analog Devices AD7538TQ Datasheet HTML 3Page - Analog Devices AD7538TQ Datasheet HTML 4Page - Analog Devices AD7538TQ Datasheet HTML 5Page - Analog Devices AD7538TQ Datasheet HTML 6Page - Analog Devices AD7538TQ Datasheet HTML 7Page - Analog Devices AD7538TQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7538
REV. A
–7–
The transfer function of Figure 7 is:
Gain
=
VOUT
V IN
= –
REQ
RFB
(1)
REQ is the equivalent transfer impedance of the DAC from the
VREF pin to the IOUT pin and can be expressed as
REQ =
2n RIN
N
(2)
Where: n is the resolution of the DAC
Where: N is the DAC input code in decimal
Where: RIN is the constant input impedance
Where: of the DAC (RIN = RLAD)
Substituting this expression into Equation 1 and assuming zero
gain error for the DAC (RIN = RFB) the transfer function simpli-
fies to
VOUT
VIN
= –
2n
N
(3)
The ratio N/2
n is commonly represented by the term D and, as
such, is the fractional representation of the digital input word.
VOUT
VIN
= –
–2n
N
=
–1
D
(4)
Equation 4 indicates that the gain of the circuit can be varied
from 16,384 down to unity (actually 16,384/16,383) in 16,383
steps. The all 0s code is never applied. This avoids an open-
loop condition thereby saturating the amplifier. With the all 0s
code excluded there remains 2
n – 1 possible input codes allow-
ing a choice of 2
n – 1 output levels. In dB terms the dynamic
range is
20 log10
VOUT
VIN
= 20 log
10 (2
n –1)
= 84 dB.
APPLICATION HINTS
Output Offset: CMOS D/A converters in circuits such as Fig-
ures 4 and 5 exhibit a code dependent output resistance which
in turn can cause a code dependent error voltage at the output
of the amplifier. The maximum amplitude of this error, which
adds to the D/A converter nonlinearity, depends on VOS, where
VOS is the amplifier input offset voltage. To maintain specified
accuracy with VREF at 10 V, it is recommended that VOS be no
greater than 0.25 mV, or (25
× 10–6) (V
REF), over the tempera-
ture range of operation. The AD711 is a suitable op amp. The
op amp has a wide bandwidth and high slew rate and is recom-
mended for ac and other applications requiring fast settling.
General Ground Management: Since the AD7538 is speci-
fied for high accuracy, it is important to use a proper grounding
technique. AC or transient voltages between AGND and
DGND can cause noise injection into the analog output. The
simplest method of ensuring that voltages at AGND and
DGND are equal is to tie AGND and DGND together at the
AD7538. In more complex systems where the AGND and
DGND intertie is on the backplane, it is recommended that two
diodes be connected in inverse parallel between the AD7538
AGND and DGND pins (1N914 or equivalent).
MICROPROCESSOR INTERFACING
The AD7538 is designed for easy interfacing to 16-bit micro-
processors and can be treated as a memory mapped peripheral.
This reduces the amount of external logic needed for interfacing
to a minimal.
AD7538-8086 INTERFACE
Figure 8 shows the 8086 processor interface to a single device.
In this setup the double buffering feature (using LDAC) of the
DAC is not used. The 14-bit word is written to the DAC in one
MOV instruction and the analog output responds immediately.
Figure 8. AD7538-8086 Interface Circuit
In a multiple DAC system the double buffering of the AD7538
allows the user to simultaneously update all DACs. In Figure 9,
a 14-bit word is loaded to the Input Registers of each of the
DACs in sequence. Then, with one instruction to the appropri-
ate address, CS4 (i.e., LDAC) is brought low, updating all the
DACs simultaneously.
Figure 9. AD7538-8086 Interface: Multiple DAC System


Similar Part No. - AD7538TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538TQ AD-AD7538TQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538TQ AD-AD7538TQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7549 AD-AD7549 Datasheet
495Kb / 8P
   LC2MOS DUAL 12-BIT uP-COMPATIBLE DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7534 AD-AD7534 Datasheet
492Kb / 12P
   uP-Compatible 14-Bit DAC
REV. A
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com